Electronic Components Datasheet Search
  English  ▼

X  

BLUECORE4-ROM Datasheet(PDF) 49 Page - List of Unclassifed Manufacturers

Part # BLUECORE4-ROM
Description  BlueCore 4-ROM CSP EDR
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

BLUECORE4-ROM Datasheet(HTML) 49 Page - List of Unclassifed Manufacturers

Back Button BLUECORE4-ROM Datasheet HTML 45Page - List of Unclassifed Manufacturers BLUECORE4-ROM Datasheet HTML 46Page - List of Unclassifed Manufacturers BLUECORE4-ROM Datasheet HTML 47Page - List of Unclassifed Manufacturers BLUECORE4-ROM Datasheet HTML 48Page - List of Unclassifed Manufacturers BLUECORE4-ROM Datasheet HTML 49Page - List of Unclassifed Manufacturers BLUECORE4-ROM Datasheet HTML 50Page - List of Unclassifed Manufacturers BLUECORE4-ROM Datasheet HTML 51Page - List of Unclassifed Manufacturers BLUECORE4-ROM Datasheet HTML 52Page - List of Unclassifed Manufacturers BLUECORE4-ROM Datasheet HTML 53Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 89 page
background image
Device Terminal Descriptions
BC41B143A-ds-002Pd
This material is subject to CSR’s non-disclosure agreement
Production Information
© Cambridge Silicon Radio Limited 2005
Page 49 of 89
11 Device Terminal Descriptions
11.1
RF_A and RF_B
RF_A and RF_B form a complementary balanced pair. On transmit, their outputs are combined using a balun into
the single-ended output required for the antenna. Similarly, on receive their input signals are combined internally.
Both terminals present similar complex impedances that require matching networks between them and the balun.
Starting from the substrate (chip side), the outputs can each be modelled as an ideal current source in parallel
with a lossy resistance and a capacitor. The bond wire can be represented as series inductance.
BlueCore4-ROM CSP
+
_
PA
+
_
LNA
RF
Switch
RF
Switch
L2
1.5nH
L3
1.5nH
R3
10
Ω
0.9pF
R2
10
Ω
0.9pF
RF_A
RF_B
Figure 11.1: Circuit RF_A and RF_B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com