Electronic Components Datasheet Search
  English  ▼

X  

MD-50PL100 Datasheet(PDF) 2 Page - CUI INC

Part # MD-50PL100
Description  MINI DIN CONNECTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

MD-50PL100 Datasheet(HTML) 2 Page - CUI INC

  MD-50PL100 Datasheet HTML 1Page - CUI INC MD-50PL100 Datasheet HTML 2Page - CUI INC MD-50PL100 Datasheet HTML 3Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
date 10/14/2019
│ page 2 of 3
cuidevices.com
CUI Devices
│ SERIES: MD-PL100 │ DESCRIPTION: MINI DIN CONNECTOR
*
MECHANICAL DRAWINGS
units: mm
tolerance:
X. ±0.2 mm
X.X ±0.10 mm
X.XX ±0.050 mm
X.XXX ±0.005 mm
MD-30PL100
MD-40PL100
MD-50PL100
MD-60PL100
MD-80PL100
PIN
Wire Color
Wire Color
Wire Color
Wire Color
Wire Color
1
black
black
brown
brown
brown
2
green
green
black
white
white
3
orange
yellow
green
black
black
4
red
yellow
green
blue
5
red
yellow
green
6
red
yellow
7
orange
8
red
MATERIAL
PLATING
body
PBT (UL94V-0)
earth terminal
phosphor bronze
nickel
contact terminals phosphor bronze
tin
wire
UL 1007/AWG #26
Additional Resources: Product Page



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com