Electronic Components Datasheet Search
  English  ▼

X  

AC162065 Datasheet(PDF) 50 Page - Microchip Technology

Part # AC162065
Description  Debug Header Specification
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AC162065 Datasheet(HTML) 50 Page - Microchip Technology

Back Button AC162065 Datasheet HTML 46Page - Microchip Technology AC162065 Datasheet HTML 47Page - Microchip Technology AC162065 Datasheet HTML 48Page - Microchip Technology AC162065 Datasheet HTML 49Page - Microchip Technology AC162065 Datasheet HTML 50Page - Microchip Technology AC162065 Datasheet HTML 51Page - Microchip Technology AC162065 Datasheet HTML 52Page - Microchip Technology AC162065 Datasheet HTML 53Page - Microchip Technology AC162065 Datasheet HTML 54Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 78 page
background image
Optional Debug Headers
DS51292T-page 50
 2006-2012 Microchip Technology Inc.
AC244026, AC244027
Header Identification
The header AC number is used for ordering the header. However, this number is not
on the debug header, as the board is often used for multiple headers by inserting
different ICE/ICD devices. To identify this debug header, use the following information.
Header Setup and Operation - AC244026
This Processor Extension Pak provides extra debugging capability not available on
PIC16F727 production devices:
• 3 Address / Data breakpoints (1 Address only breakpoint on production devices)
• Data capture (Real Time Data Streaming)
• No user Flash resources needed for debugging
• No user RAM resources needed for debugging
• No user pins required
This header has jumpers available for MCLR pull-up and power LED control.
Additionally, this header has jumpers related to the LDO voltage regulator. Depending
on the device pin used for this function, you would use either J4 (RA0), J5 (RA5) or J6
(RA6) for Vcap selection. For details on the voltage regulator, see the
PIC16F72X/PIC16LF72X Data Sheet (DS41341).
Header
ICE/ICD Device
Board Assembly Number
AC244026
PIC16F727-ICE
02-02105
AC244027
PIC16LF727-ICE
Jumper
Setting
Function
J2
Open
Disable weak ICE MCLR pull-up resistor.
Short
Enable weak ICE MCLR pull-up resistor. This option
keeps the target program running even after the tool has
been disconnected from the header, i.e., the pin will not
float high.
J3
Open
Disable power LED indicator. This option saves power.
Short
Enable power LED indicator.
Jumper
Setting
Function
J4, J5, or J6
Open
Use only target capacitance for Vcap. This is the standard
configuration.
Short
Use both on-board and target capacitance for Vcap. This
option is to provide extra margin for the voltage regulator
stability/regulation in cases where there is a long lead
length between the emulation header Vcap pin and the
target Vcap pin. (As examples, when using long-pin DIP
transition sockets or certain QFN transition sockets.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com