Electronic Components Datasheet Search
  English  ▼

X  

33975 Datasheet(PDF) 26 Page - Freescale Semiconductor, Inc

Part # 33975
Description  Multiple Switch Detection Interface with Suppressed Wake-Up and 32mA Wetting Current
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33975 Datasheet(HTML) 26 Page - Freescale Semiconductor, Inc

Back Button 33975 Datasheet HTML 22Page - Freescale Semiconductor, Inc 33975 Datasheet HTML 23Page - Freescale Semiconductor, Inc 33975 Datasheet HTML 24Page - Freescale Semiconductor, Inc 33975 Datasheet HTML 25Page - Freescale Semiconductor, Inc 33975 Datasheet HTML 26Page - Freescale Semiconductor, Inc 33975 Datasheet HTML 27Page - Freescale Semiconductor, Inc 33975 Datasheet HTML 28Page - Freescale Semiconductor, Inc 33975 Datasheet HTML 29Page - Freescale Semiconductor, Inc 33975 Datasheet HTML 30Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 32 page
background image
Analog Integrated Circuit Device Data
26
Freescale Semiconductor
33975
TYPICAL APPLICATIONS
OPERATIONAL MODES
Figure 15. Power Supply Active in Sleep Mode
Figure 16. Power Supply Shutdown in Sleep Mode
VDD
MC68HCXX
Microprocessor
33975
VBAT
Power
MOSI
MISO
AN0
WAKE
SI
SO
SCLK
INT
CS
AMUX
VBAT
VBAT
SP0
SP1
SP7
SG1
SG0
SG12
SG13
Supply
VDD
SCLK
INT
CS
VPWR
VPWR
VPWR
VDD
VDD
MC68HCXX
Microprocessor
33975
VBAT
Power
MOSI
MISO
AN0
WAKE
SI
SO
SCLK
INT
CS
AMUX
VBAT
VBAT
SP0
SP1
SP7
SG1
SG0
SG12
SG13
Supply
VDD
SCLK
INT
CS
Enable
VPWR
VPWR
VPWR
VDD
VDD
VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com