Electronic Components Datasheet Search
  English  ▼

X  

MGFS1R5 Datasheet(PDF) 1 Page - COSEL CO., LTD.

Part # MGFS1R5
Description  DC-DC Converters PCB Mount Type
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSEL [COSEL CO., LTD.]
Direct Link  https://en.cosel.co.jp/
Logo COSEL - COSEL CO., LTD.

MGFS1R5 Datasheet(HTML) 1 Page - COSEL CO., LTD.

  MGFS1R5 Datasheet HTML 1Page - COSEL CO., LTD. MGFS1R5 Datasheet HTML 2Page - COSEL CO., LTD. MGFS1R5 Datasheet HTML 3Page - COSEL CO., LTD. MGFS1R5 Datasheet HTML 4Page - COSEL CO., LTD. MGFS1R5 Datasheet HTML 5Page - COSEL CO., LTD. MGFS1R5 Datasheet HTML 6Page - COSEL CO., LTD. MGFS1R5 Datasheet HTML 7Page - COSEL CO., LTD. MGFS1R5 Datasheet HTML 8Page - COSEL CO., LTD. MGFS1R5 Datasheet HTML 9Page - COSEL CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
MG-26
MGFS1R5
DC-DC Converters PCB Mount Type
MGF
S
1R5
24
05
-O
Ordering information
1Series name
2Single output
3Output wattage
4Input voltage
5Output voltage
6Optional
Y2: Output voltage
adjustable (+10%, -5%)
R
1
2
3
4
5
6
MODEL
MGFS1R5243R3
MGFS1R52405
MGFS1R52412
MGFS1R52415
MAX OUTPUT WATTAGE[W]
1.32
1.50
1.56
1.50
DC OUTPUT
VOLTAGE[V]
3.3
5
12
15
CURRENT[A]
0.4
0.3
0.13
0.1
SPECIFICATIONS
MODEL
MGFS1R5243R3
MGFS1R52405
MGFS1R52412
MGFS1R52415
INPUT
VOLTAGE[V]
DC9 - 36(Surge voltage 50V,100ms max)
CURRENT[A]
*1
0.072typ
0.079typ
0.079typ
0.077typ
EFFICIENCY[%]
*1
77typ
80typ
83typ
82typ
OUTPUT
VOLTAGE[V]
3.3
5
12
15
CURRENT[A]
0.4
0.3
0.13
0.1
LINE REGULATION[mV]
20max
20max
48max
60max
LOAD REGULATION[mV]
20max
20max
48max
60max
RIPPLE[mVp-p]
*2
120max
120max
150max
150max
RIPPLE NOISE[mVp-p]
*2
200max
200max
200max
200max
TEMPERATURE
REGULATION[mV]
-20 to +85C 50max
50max
150max
180max
-40 to +85C 80max
80max
240max
290max
DRIFT[mV]
*3
20max
20max
48max
60max
START-UP TIME[ms]
30max (Minimum input, Io=100%)
OUTPUT VOLTAGE SETTING[V] 3.21 - 3.42
4.90 - 5.21
11.64 - 12.36
14.55 - 15.45
PROTECTION
CIRCUIT
OVERCURRENT PROTECTION Works over 105% of rating and recovers automatically
MODEL
MGFS1R5483R3
MGFS1R54805
MGFS1R54812
MGFS1R54815
MAX OUTPUT WATTAGE[W]
1.32
1.50
1.56
1.50
DC OUTPUT
VOLTAGE[V]
3.3
5
12
15
CURRENT[A]
0.4
0.3
0.13
0.1
SPECIFICATIONS
MODEL
MGFS1R5483R3
MGFS1R54805
MGFS1R54812
MGFS1R54815
INPUT
VOLTAGE[V]
DC18 - 76(Surge voltage 100V,100ms max)
CURRENT[A]
*1
0.037typ
0.040typ
0.040typ
0.039typ
EFFICIENCY[%]
*1
76typ
79typ
82typ
81typ
OUTPUT
VOLTAGE[V]
3.3
5
12
15
CURRENT[A]
0.4
0.3
0.13
0.1
LINE REGULATION[mV]
20max
20max
48max
60max
LOAD REGULATION[mV]
20max
20max
48max
60max
RIPPLE[mVp-p]
*2
120max
120max
150max
150max
RIPPLE NOISE[mVp-p]
*2
200max
200max
200max
200max
TEMPERATURE
REGULATION[mV]
-20 to +85C 50max
50max
150max
180max
-40 to +85C 80max
80max
240max
290max
DRIFT[mV]
*3
20max
20max
48max
60max
START-UP TIME[ms]
30max (Minimum input, Io=100%)
OUTPUT VOLTAGE SETTING[V] 3.21 - 3.42
4.90 - 5.21
11.64 - 12.36
14.55 - 15.45
PROTECTION
CIRCUIT
OVERCURRENT PROTECTION Works over 105% of rating and recovers automatically


Similar Part No. - MGFS1R5

ManufacturerPart #DatasheetDescription
logo
COSEL CO., LTD.
MGFS15 COSEL-MGFS15 Datasheet
3Mb / 28P
DC-DC Converters PCB Mount Type
January 31, 2022
MGFS152405 COSEL-MGFS152405 Datasheet
3Mb / 28P
DC-DC Converters PCB Mount Type
January 31, 2022
MGFS152412 COSEL-MGFS152412 Datasheet
3Mb / 28P
DC-DC Converters PCB Mount Type
January 31, 2022
MGFS152415 COSEL-MGFS152415 Datasheet
3Mb / 28P
DC-DC Converters PCB Mount Type
January 31, 2022
MGFS15243R3 COSEL-MGFS15243R3 Datasheet
3Mb / 28P
DC-DC Converters PCB Mount Type
January 31, 2022
More results

Similar Description - MGFS1R5

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ZUS1R52405 ETC2-ZUS1R52405 Datasheet
492Kb / 12P
DC-DC Converters PCB Mount type
SUCS102405C ETC2-SUCS102405C Datasheet
651Kb / 8P
DC-DC Converters PCB Mount type
SUS1R5 ETC2-SUS1R5 Datasheet
656Kb / 8P
DC-DC Converters PCB Mount type
SFS302415B ETC2-SFS302415B Datasheet
691Kb / 8P
DC-DC Converters PCB Mount type
logo
COSEL CO., LTD.
MGS15 COSEL-MGS15 Datasheet
3Mb / 28P
DC-DC Converters PCB Mount Type
January 31, 2022
SUW1R50515 COSEL-SUW1R50515 Datasheet
240Kb / 11P
DC-DC Converters PCB Mount Type
June 26, 2020
SFS10 COSEL-SFS10 Datasheet
1Mb / 8P
DC-DC Converters PCB Mount Type
ZUW1R5 COSEL-ZUW1R5 Datasheet
469Kb / 12P
DC-DC Converters PCB Mount type
SFCS15 COSEL-SFCS15 Datasheet
601Kb / 4P
DC-DC Converters PCB Mount Type
ZUS62412 COSEL-ZUS62412 Datasheet
466Kb / 12P
DC-DC Converters PCB Mount type
June 29, 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com