Electronic Components Datasheet Search
  English  ▼

X  

PC33975AEK Datasheet(PDF) 15 Page - Freescale Semiconductor, Inc

Part # PC33975AEK
Description  Multiple Switch Detection Interface with Suppressed Wake-Up and 32mA Wetting Current
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC33975AEK Datasheet(HTML) 15 Page - Freescale Semiconductor, Inc

Back Button PC33975AEK Datasheet HTML 11Page - Freescale Semiconductor, Inc PC33975AEK Datasheet HTML 12Page - Freescale Semiconductor, Inc PC33975AEK Datasheet HTML 13Page - Freescale Semiconductor, Inc PC33975AEK Datasheet HTML 14Page - Freescale Semiconductor, Inc PC33975AEK Datasheet HTML 15Page - Freescale Semiconductor, Inc PC33975AEK Datasheet HTML 16Page - Freescale Semiconductor, Inc PC33975AEK Datasheet HTML 17Page - Freescale Semiconductor, Inc PC33975AEK Datasheet HTML 18Page - Freescale Semiconductor, Inc PC33975AEK Datasheet HTML 19Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 32 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
15
33975
FUNCTIONAL DEVICE OPERATION
OPERATIONAL MODES
WAKE-UP/INTERRUPT REGISTER
The Wake-Up/Interrupt Register defines the inputs that
are allowed to wake the 33975 from Sleep mode or set the
INT
terminal low in Normal mode. Programming the wake-up/
interrupt bit to logic [0] will disable the specific input from
generating an interrupt and will disable the specific input from
waking the IC in Sleep mode (refer to Table 7). Programming
the wake-up/interrupt bit to logic [1] will enable the specific
input to generate an interrupt with switch change of state and
will enable the specific input as wake-up. The MCU may
change or update the Wake-Up/Interrupt Register via
software at any time in Normal mode.
WETTING CURRENT REGISTER
The 33975 has two levels of switch-to-ground contact
current, 32 mA and 4.0 mA, and two levels of switch-to-
battery contact current, 16 mA and 2.0 mA (see Figure 10).
The metallic command is used to set the switch contact
current level (refer to Table 8). Programming the metallic bit
to logic [0] will set the switch wetting current to 2.0 mA/4.0
mA. Programming the metallic bit to logic [1] will set the
switch contact wetting current to 16 mA/32 mA. The MCU
may change or update the Wetting Current Register via
software at any time in Normal mode.
Wetting current is designed to provide higher levels of
current during switch closure. The higher level of current is
designed to keep switch contacts from building up oxides that
form on the switch contact surface.
Figure 10. Contact Wetting and Sustain Current
for Switch-to-Ground Input
WETTING CURRENT TIMER REGISTER
Each switch input has a designated 20 ms timer. The timer
starts when the specific switch input crosses the comparator
threshold (4.0 V). When the 20 ms timer expires, the contact
current is reduced from 16 mA to 2.0 mA for switch-to-battery
inputs and 32 mA to 4.0 mA for switch-to-ground inputs. The
wetting current timer may be disabled for a specific input.
When the timer is disabled, wetting current will continue to
flow through the closed switch contact. With multiple wetting
current timers disabled, power dissipation for the IC must be
considered.
The MCU may change or update the Wetting Current
Timer Register via software at any time in Normal mode. This
allows the MCU to control the amount of time wetting current
is applied to the switch contact. Programming the wetting
current timer bit to logic [0] will disable the wetting current
timer. Programming the wetting current timer bit to logic [1]
will enable the wetting current timer (refer to Table 9).
Table 7. Wake-Up /Interrupt Command
Wake-Up/Interrupt Command
Command Bits
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
0
0
0
0
0
0
1
0
X
X
X
X
X
X
X
X
sp7 sp6 sp5 sp4 sp3 sp2 sp1 sp0
0
0
0
0
0
0
1
1
X
X
sg1
3
sg1
2
sg1
1
sg1
0
sg9 sg8 sg7 sg6 sg5 sg4 sg3 sg2 sg1 sg0
Switch Contact Voltage
32 mA Switch Wetting Current
4.0 mA Switch Sustain Current
20 ms Wetting Current Timer
Table 8. Metallic Command
Metallic Command
Command Bits
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
0
0
0
0
0
1
0
0
X
X
X
X
X
X
X
X
sp7 sp6 sp5 sp4 sp3 sp2 sp1 sp0
0
0
0
0
0
1
0
1
X
X
sg1
3
sg1
2
sg1
1
sg1
0
sg9 sg8 sg7 sg6 sg5 sg4 sg3 sg2 sg1 sg0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com