Electronic Components Datasheet Search
  English  ▼

X  

TSR8G Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # TSR8G
Description  Thick Film Chip Resistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

TSR8G Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  TSR8G Datasheet HTML 1Page - List of Unclassifed Manufacturers TSR8G Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TSR_G
量産
■ 定格
Rating
形状
Type
定格
電力
Rated
Power
最高
使用電圧
Max.
Working
Voltage
最高
過負荷電圧
Max.
Overload
Voltage
使用
温度範囲
Operating
Temperature
Range
抵抗温度係数
T.C.R
抵抗値範囲
( Ω )
Resistance Range
±
0.5%
E96,E24
±
1%
E96,E24
±
2%
E24
±
5%
E24
TSR20G
0.05W
25V
50V
-55~+125℃
±
200ppm/℃
―――
100~1M
100~10M
100~10M
±
250ppm/℃
10~97.6
10~91
10~91
±
400ppm/℃
―――
―――
1.0~9.1
TSR16G
0.1W
50V
100V
-55~+155℃
±
100ppm/℃
200~1M
200~1M
―――
―――
±
200ppm/℃
10~196
10~196
10~1M
10~1M
±
350ppm/℃
―――
3.9~9.76
1.02M~10M
3.9~9.1
1.1M~10M
3.9~9.1
1.1M~10M
±
400ppm/℃
1.0~3.83
1.0~3.6
1.0~3.6
TSR3G
0.125W
±
100ppm/℃
10~1M
10~1M
―――
―――
±
200ppm/℃
―――
―――
10~1M
10~1M
±
350ppm/℃
1.0~9.76
1.02M~10M
1.0~9.1
1.1M~10M
1.0~9.1
1.1M~22M
TSR6G
0.25W
150V
300V
±
100ppm/℃
10~1M
10~1M
―――
―――
±
200ppm/℃
―――
―――
10~1M
10~1M
±
250ppm/℃
3.9~9.76
1.02M~5.1M
3.9~9.1
1.1M~5.1M
3.9~9.1
1.1M~5.1M
±
350ppm/℃
1.0~3.83
5.11M~10M
1.0~3.6
5.6M~10M
1.0~3.6
5.6M~22M
TSR8G
0.33W
200V
400V
±
100ppm/℃
10~1M
10~1M
―――
―――
±
200ppm/℃
―――
―――
10~1M
10~1M
±
250ppm/℃
3.9~9.76
1.02M~5.1M
3.9~9.1
1.1M~5.1M
3.9~9.1
1.1M~5.1M
±
350ppm/℃
1.0~3.83
5.11M~10M
1.0~3.6
5.6M~10M
1.0~3.6
5.6M~22M
TSR4G
0.5W
±
100ppm/℃
10~1M
10~1M
―――
―――
±
200ppm/℃
―――
―――
10~1M
10~1M
±
250ppm/℃
3.9~9.76
3.9~9.1
3.9~9.1
±
350ppm/℃
1.0~3.83
1.0~3.6
1.0~3.6
TSR2G
0.75W
±
100ppm/℃
10~1M
10~1M
―――
―――
±
200ppm/℃
―――
―――
10~1M
10~1M
±
250ppm/℃
2.2~9.76
2.2~9.1
2.2~9.1
±
350ppm/℃
1.0~2.15
1.0~2.0
1.0~2.0
TSR5G
±
100ppm/℃
10~1M
10~1M
―――
―――
±
200ppm/℃
―――
―――
10~1M
10~1M
±
250ppm/℃
2.2~9.76
2.2~9.1
2.2~9.1
±
350ppm/℃
1.0~2.15
1.0~2.0
1.0~2.0
TSR1G
1W
±
100ppm/℃
10~1M
10~1M
―――
―――
±
200ppm/℃
―――
―――
10~1M
10~1M
±
250ppm/℃
2.2~9.76
2.2~9.1
2.2~9.1
±
350ppm/℃
1.0~2.15
1.0~2.0
1.0~2.0
0~+800ppm/℃
0.22~0.91
( E24 )
0.22~0.91
0.22~0.91
■ 負荷電力軽減曲線
Power Derating Curve
周 囲 温 度 /
Ambient temperature[℃]
-60
-40
-20
0
20
40
60
80
100
120
140
160
180
-55
定 格 電 力 比
Rated Load[%]
100
80
60
40
20
0
70
125
155
20G
16G, 3G, 6G, 8G, 4G
2G, 5G, 1G
定格電力は、周囲70℃以下において連続使用に適する負荷電力をいい、周囲温度が70℃を超える場合は、図の軽減曲線に従って定格電力
を軽減して下さい。
Rated power is defined as load power suitable to continuous use only in ambient temperature of less than 70℃.You shall decrease rated
power in accordance with above Power Derating curb-chart in case of ambient temperature of more than 70℃.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com