Electronic Components Datasheet Search
  English  ▼

X  

CITR212RPL Datasheet(PDF) 2 Page - CIT Relay & Switch

Part # CITR212RPL
Description  CIRCUIT BREAKER WITH ON/OFF CAPABILITY
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIT [CIT Relay & Switch]
Direct Link  http://www.citswitch.com
Logo CIT - CIT Relay & Switch

CITR212RPL Datasheet(HTML) 2 Page - CIT Relay & Switch

  CITR212RPL Datasheet HTML 1Page - CIT Relay & Switch CITR212RPL Datasheet HTML 2Page - CIT Relay & Switch  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Website: www.citswitch.com
Tel: 763-535-2339 Fax: 763-535-2194
CITR2
DIMENSIONS
Q1
Q2
RP
SCHMATICS, PC LAYOUT, & PANEL MOUNTING
WITHOUT LAMP
THICKNESS
DIM “A”
0.8 ~ 1.0
28.4
+.1 / -.0
1.1 ~ 1.4
28.8
+.1 / -.0
WITH LAMP
125VAC NEON, 25K HOURS, 68K
Ω Res.
1.5
29.0
+.1 / -.0



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com