Electronic Components Datasheet Search
  English  ▼

X  

CTA16 Datasheet(PDF) 1 Page - CIT Relay & Switch

Part # CTA16
Description  CIT SWITCH
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIT [CIT Relay & Switch]
Direct Link  http://www.citswitch.com
Logo CIT - CIT Relay & Switch

CTA16 Datasheet(HTML) 1 Page - CIT Relay & Switch

  CTA16 Datasheet HTML 1Page - CIT Relay & Switch CTA16 Datasheet HTML 2Page - CIT Relay & Switch  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Distributor: Electro-Stock www.electrostock.com Tel: 630-682-1542 Fax: 630-682-1562
FEATURES:
•
H-Bridge contact configuration available
•
Small size and light weight
•
25A switching capacity
•
F Class materials standard
•
QS-9000, ISO-9002 Certified Manufacturing
14.5 x 7.7 x 13.7 mm 14.5 x 14.0 x 14.3 mm
CONTACT DATA
Contact Arrangement
1C = SPDT
1H = H-Bridge
Contact Rating
25A @ 14VDC
Contact Resistance
< 50 milliohms initial
Contact Material
AgSnO2
Maximum Switching Power
480W
Maximum Switching Voltage
20VDC
Maximum Switching Current
30A
COIL DATA
Coil Voltage
VDC
Coil Resistance
Ω ± 10%
Rated
Max.
.64W
.80W
Pick Up Voltage
VDC (max)
75%
of rated voltage
Release Voltage
VDC (min)
10%
of rated voltage
Coil Power
W
Operate Time
ms
Release Time
ms
12
15.6
225
180
8.4
1.2
.64 & .80
10
5
CAUTION:
1. The use of any coil voltage less than the rated coil voltage may compromise the operation of the relay.
2. Pickup and release voltages are for test purposes only and are not to be used as design criteria.
GENERAL DATA
Electrical Life @ rated load
Mechanical Life
100K cycles, typical
10M cycles, typical
Insulation Resistance
100M
Ω min @ 500VDC
Dielectric Strength, Coil to Contact
Contact to Contact
1500V rms min. @ sea level
1000V rms min. @ sea level
Shock Resistance
100m/s
2 for 11ms
Vibration Resistance
1.27mm double amplitude 10-40Hz
Terminal (Copper Alloy) Strength
4N
Operating Temperature
Storage Temperature
-40
°C to + 105 °C
-40
°C to + 155 °C
Solderability
230
°C ± 2 °C for 10 ± 0.5s
Weight
4.1g
CTA16


Similar Part No. - CTA16

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CTA16 ETC1-CTA16 Datasheet
209Kb / 2P
16Amp - 400/600/800/1000V - TRIAC
CTA16-1000B ETC1-CTA16-1000B Datasheet
209Kb / 2P
16Amp - 400/600/800/1000V - TRIAC
CTA16-1000BPT ETC1-CTA16-1000BPT Datasheet
209Kb / 2P
16Amp - 400/600/800/1000V - TRIAC
CTA16-1000BW ETC1-CTA16-1000BW Datasheet
209Kb / 2P
16Amp - 400/600/800/1000V - TRIAC
CTA16-1000BWPT ETC1-CTA16-1000BWPT Datasheet
209Kb / 2P
16Amp - 400/600/800/1000V - TRIAC
More results

Similar Description - CTA16

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
A41AS3VDC CIT-A41AS3VDC Datasheet
190Kb / 2P
CIT SWITCH
A61AS6VDC.9 CIT-A61AS6VDC.9 Datasheet
144Kb / 2P
CIT SWITCH
A111AS12VDC.60 CIT-A111AS12VDC.60 Datasheet
183Kb / 2P
CIT SWITCH
ANP11F4B CIT-ANP11F4B Datasheet
374Kb / 7P
CIT SWITCH
BNP10SBQ CIT-BNP10SBQ Datasheet
295Kb / 5P
CIT SWITCH
BTNXC CIT-BTNXC Datasheet
345Kb / 5P
CIT SWITCH
CH1NAS CIT-CH1NAS Datasheet
182Kb / 2P
CIT SWITCH
CS1211 CIT-CS1211 Datasheet
111Kb / 1P
CIT SWITCH
J0982AS3VDC.60 CIT-J0982AS3VDC.60 Datasheet
166Kb / 2P
CIT SWITCH
J0991AS3VDC.45 CIT-J0991AS3VDC.45 Datasheet
173Kb / 2P
CIT SWITCH
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com