Electronic Components Datasheet Search
  English  ▼

X  

MS6257 Datasheet(PDF) 15 Page - MOSA ELECTRONICS

Part # MS6257
Description  Gain and Attenuation Volume Controller IC One Set of Stereo Input, Low voltage Gain and Attenuation 15~-79dB
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSA [MOSA ELECTRONICS]
Direct Link  http://www.mosanalog.com
Logo MOSA - MOSA ELECTRONICS

MS6257 Datasheet(HTML) 15 Page - MOSA ELECTRONICS

Back Button MS6257 Datasheet HTML 7Page - MOSA ELECTRONICS MS6257 Datasheet HTML 8Page - MOSA ELECTRONICS MS6257 Datasheet HTML 9Page - MOSA ELECTRONICS MS6257 Datasheet HTML 10Page - MOSA ELECTRONICS MS6257 Datasheet HTML 11Page - MOSA ELECTRONICS MS6257 Datasheet HTML 12Page - MOSA ELECTRONICS MS6257 Datasheet HTML 13Page - MOSA ELECTRONICS MS6257 Datasheet HTML 14Page - MOSA ELECTRONICS MS6257 Datasheet HTML 15Page - MOSA ELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 15 / 15 page
background image
MOSA
MS6257
GAIN AND ATTENUATION VOLUME CONTROLLER IC
REV 1
15
www.mosanalog.com
Label 3: Input section
Please input stereo audio signal, as music or sine wave.
Label 4: Output section
Please connected to a post-power-amplifier, as stereo speaker.
Circuit
+
C5
+
C6
+
C14
10u
C12
104
R11 10k
+
C7
+
C1
10u
+
C8
+
C11
10u
+
C9
+
C10
C16
20pF
C17
20pF
+
C2
L1
C18
10uF
+
C3
S9
RESET
+
C15
10u
+
C4
C13
104
12M
P3.7
11
RST
1
P1.0
12
P3.0
2
P1.1
13
P3.1
3
P1.2
14
XTAL2
4
P1.3
15
XTAL1
5
P1.4
16
P3.2
6
P1.5
17
P3.3
7
P1.6
18
P3.4
8
P1.7
19
P3.5
9
Vcc
20
GND
10
U2
AT89C2051
DVCC
J1
AVDD
R1
100K
R2
R3
R4
R5
R6
R7
R8
R9
R10
RCA1
LIN4
RCA6
ROUT
RCA7
RIN1
RCA8
RIN2
RCA9
RIN3
RCA10
RIN4
RCA2
LIN3
RCA3
LIN2
RCA4
LIN1
RCA5
LOUT
S3
2CH+
S6
LCH+
S8
RCH+
S2
2CH-
S5
LCH-
S7
RCH-
S1
MUTE
S4
CH-SEL
A.O.
1
L-IN4
2
L-IN3
3
L-IN2
4
L-IN1
5
L-OUT
6
VSS
7
SDA
8
SCL
9
VDD
10
R-OUT
11
R-IN1
12
R-IN2
13
R-IN3
14
R-IN4
15
CAP
16
U1
MS6258
R12
103
J3
AO
OPEN : 88H
SHORT: 8CH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com