Electronic Components Datasheet Search
  English  ▼

X  

20373-R20T-06 Datasheet(PDF) 1 Page - I-PEX Inc.

Part # 20373-R20T-06
Description  0.4mm Pitch Right Angle Stacking Type
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  I-PEX [I-PEX Inc.]
Direct Link  https://www.i-pex.com
Logo I-PEX - I-PEX Inc.

20373-R20T-06 Datasheet(HTML) 1 Page - I-PEX Inc.

  20373-R20T-06 Datasheet HTML 1Page - I-PEX Inc. 20373-R20T-06 Datasheet HTML 2Page - I-PEX Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CABLINE®-SS
PLUG Connector Set
Metal Cover
HOUSING
RECEPTACLE
10
14
20
30
32
35
40
50
POS.
20380-R10T-06
2182-010-03
20374-R10E-31
20373-R10T-06
20380-R14T-06
2182-014-03
20374-R14E-31
20373-R14T-06
20380-R20T-06
2182-020-03
20374-R20E-31
20373-R20T-06
20380-R30T-06
2182-030-03
20374-R30E-31
20373-R30T-06
20380-R32T-06
2182-032-03
20374-R32E-31
20373-R32T-06
20380-R35T-06
2182-035-03
20374-R35E-31
20373-R35T-06
20380-R40T-16
2182-040-04
20374-R40E-31
20373-R40T-06
20380-R50T-16
2182-050-04
20374-R50E-31
20373-R50T-06
20374- R ** E- 31
②
①
②
①
④
2182-0 ** - **
20373- R ** T- 06
②
①
②
①
③
10p, 14p, 20p, 30p,
32p, 35p, 40p, 50p
DISCRETE
AWG #42 , AWG #40 , AWG #36
AWG #36 , AWG #34
②
①
③
10 :10pos. 14 :14pos. 20 :20pos.
30 :30pos. 32 :32pos. 35 :35pos.
40 :40pos. 50 :50pos.
10pos. 14pos. 20pos. 30pos.
32pos. 35pos.
40pos. 50pos.
T
03
10pos. 14pos. 20pos. 30pos.
32pos. 35pos. 40pos. 50pos.
03
04
①
②
④
Emboss Tape
10 :10pos. 14 :14pos. 20 :20pos.
30 :30pos. 32 :32pos. 35 :35pos.
40 :40pos. 50 :50pos.
E
2016/06R11
-
-
https://www.i-pex.com
2182-0 ** - 03 -S
①
①
20373- R ** T- 06-S
20374- R ** E- 31-S
0.4mm Pitch Right Angle Stacking Type
【Applicable Cable Size】
PLUG Connector Set (for Cable)
RECEPTACLE Connector Set (for PC Board)
Parts Ordering (HOUSING)
Parts Ordering (METAL COVER)
【Number of Position】
【Ordering Code】
POS.
POS.
Packaging
Packaging
Tray
■ Super Slim Micro Coax Connector going through
small hinge hole after cabling
■ Connector Width:3.0mm,
Mating Height:1.85mm(MAX.)
■ 
W-Point Contact with High mating reliability
■ Soldering connection
【Recommended P/N】
Note : Please inquire for available pin counts.
The P/N is limited pin count only.
Micro Coax
※
Packaging
Quanty 480pcs
※
Packaging
Quanty 480pcs
※
Packaging
Quanty 500pcs


Similar Part No. - 20373-R20T-06

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
2037 SCHURTER-2037 Datasheet
383Kb / 2P
IEC Interconnection Cord with IEC Connector C13, V-Lock, straight
logo
List of Unclassifed Man...
2037 ETC2-2037 Datasheet
310Kb / 1P
PHENOLIC INSTRUMENT CASES
logo
Heyco.
2037 HEYCO-2037 Datasheet
133Kb / 1P
Snap Bushings
logo
Belden Inc.
2037 BELDEN-2037 Datasheet
528Kb / 4P
Fast Ethernet Cat5e Data Double-Ended Cordset: Male straight D-coded
02-03-2025
logo
Keystone Electronics Co...
2037 KEYSTONE-2037 Datasheet
316Kb / 1P
INSTRUMENTATION CASES & KNOBS
31-07 20th
More results

Similar Description - 20373-R20T-06

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
2864 POMONA-2864 Datasheet
21Kb / 1P
Stacking Right Angle Banana Plug Each End
logo
Japan Aviation Electron...
AA07 JAE-AA07 Datasheet
449Kb / 7P
0.4mm Pitch, Stacking Type Board-to-Board(FPC) Connector
WP7 JAE-WP7 Datasheet
433Kb / 7P
0.4mm Pitch, Stacking Type Board-to-Board (FPC) Connector
WP7A-S030VA1 JAE-WP7A-S030VA1 Datasheet
433Kb / 7P
0.4mm Pitch, Stacking Type Board-to-Board (FPC) Connector
logo
Hirose Electric
TF13 HIROSE-TF13 Datasheet
597Kb / 6P
0.4mm PITCH Back-Flip Type
logo
Japan Aviation Electron...
WP6 JAE-WP6 Datasheet
883Kb / 8P
0.4mm Pitch, Stacking Type Board-to-Board Connector
WP6C JAE-WP6C Datasheet
406Kb / 5P
0.4mm Pitch, Stacking Type Board-to-board Connector
WP9 JAE-WP9 Datasheet
676Kb / 6P
0.4mm Pitch, Stacking Type Board-to-Board (FPC) Connector
logo
TE Connectivity Ltd
C-2201196 TEC-C-2201196 Datasheet
180Kb / 3P
0.4mm PITCH STACKING CONNECTOR PLUG ASSEMBLY 0.98mm HEIGHT
C-2201197 TEC-C-2201197 Datasheet
237Kb / 3P
0.4mm PITCH STACKING CONNECTOR RECEPTACLE ASSEMBLY 0.98mm HEIGHT
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com