Electronic Components Datasheet Search
  English  ▼

X  

S8FSG05015CD Datasheet(PDF) 13 Page - Omron Electronics LLC

Part # S8FSG05015CD
Description  Switch Mode Power Supply S8FS-G (15/30/50/100/150/300/600-W Models)
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

S8FSG05015CD Datasheet(HTML) 13 Page - Omron Electronics LLC

Back Button S8FSG05015CD Datasheet HTML 9Page - Omron Electronics LLC S8FSG05015CD Datasheet HTML 10Page - Omron Electronics LLC S8FSG05015CD Datasheet HTML 11Page - Omron Electronics LLC S8FSG05015CD Datasheet HTML 12Page - Omron Electronics LLC S8FSG05015CD Datasheet HTML 13Page - Omron Electronics LLC S8FSG05015CD Datasheet HTML 14Page - Omron Electronics LLC S8FSG05015CD Datasheet HTML 15Page - Omron Electronics LLC S8FSG05015CD Datasheet HTML 16Page - Omron Electronics LLC S8FSG05015CD Datasheet HTML 17Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
S8FS-G
13
Connections
Block Diagrams
Voltage
detection
circuit
Photocoupler
Over voltage
detection
circuit
Control
circuit
Over current
detection
circuit
+V
-V
DC OUTPUT
Noise filter
Fuse
250 VAC
Inrush current
protection
15/30 W: 3.15 A
50 W: 4 A
HBC
AC(L)
INPUT
AC(N)
Rectifier
Smoothing
circuit
Rectifier
smoothing circuit
S8FS-G015
@@@ (15 W)
S8FS-G030
@@@ (30 W)
S8FS-G050
@@@ (50 W)
S8FS-G100
@@@ (100 W)
S8FS-G150
@@@ (150 W)
-V
-V
DC OUTPUT
+V
+V
+RC
-RC
REMOTE CONTROL
Only Remote control
AC(L)
INPUT
AC(N)
100 W: 8 A
150 W: 10 A
HBC
Voltage
detection
circuit
Photocoupler
Over voltage
detection
circuit
Control
circuit
Over current
detection
circuit
Noise filter
Inrush current
protection
Rectifier
Smoothing
circuit
Rectifier
smoothing circuit
Fuse
250 VAC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com