Electronic Components Datasheet Search
  English  ▼

X  

MS6260MU Datasheet(PDF) 11 Page - MOSA ELECTRONICS

Part # MS6260MU
Description  Gain and Attenuation Volume Controller IC One Set of Stereo Input, Low voltage Gain and Attenuation 15~-79dB, Good PSRR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSA [MOSA ELECTRONICS]
Direct Link  http://www.mosanalog.com
Logo MOSA - MOSA ELECTRONICS

MS6260MU Datasheet(HTML) 11 Page - MOSA ELECTRONICS

Back Button MS6260MU Datasheet HTML 3Page - MOSA ELECTRONICS MS6260MU Datasheet HTML 4Page - MOSA ELECTRONICS MS6260MU Datasheet HTML 5Page - MOSA ELECTRONICS MS6260MU Datasheet HTML 6Page - MOSA ELECTRONICS MS6260MU Datasheet HTML 7Page - MOSA ELECTRONICS MS6260MU Datasheet HTML 8Page - MOSA ELECTRONICS MS6260MU Datasheet HTML 9Page - MOSA ELECTRONICS MS6260MU Datasheet HTML 10Page - MOSA ELECTRONICS MS6260MU Datasheet HTML 11Page - MOSA ELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
MOSA
MS6260
Gain And Attenuation Volume Controller IC
REV 1
11
www.mosanalog.com.tw
EXTERNAL DIMENSIONS
MSOP10 package
A
A1
B
C
L
D
H
E
A2
e
Dimension in mm Dimension in inch
Symbol
Min
Max
Min
Max
A
0.81
1.12
0.032
0.044
A1
0.05
0.15
0.002
0.006
A2
0.76
0.97
0.030
0.038
B
0.15
0.20
0.006
0.012
C
0.13
0.23
0.005
0.009
D
2.90
3.10
0.114
0.122
H
4.70
5.10
0.185
0.201
E
2.90
3.10
0.114
0.122
e
0.50
0.0197
L
0.40
0.66
0.016
0.026
TAPE AND REEL
(Unit : mm)
3.0
3.6
12.0
6.9
8.0
5.5
1.75
5.4
2.0
4.0
1.5+0.1/-0.0 DIA
0.5 Radius Typical
1.5 MIN
0.30
0.3R MAX
1.7
2.0
0.05
0.05
0.05
0.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com