Electronic Components Datasheet Search
  English  ▼

X  

MS6258GU Datasheet(PDF) 10 Page - MOSA ELECTRONICS

Part # MS6258GU
Description  Gain and Attenuation Volume Controller IC 4 Sets of Stereo Input, Low voltage Gain and Attenuation 15~-79dB
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSA [MOSA ELECTRONICS]
Direct Link  http://www.mosanalog.com
Logo MOSA - MOSA ELECTRONICS

MS6258GU Datasheet(HTML) 10 Page - MOSA ELECTRONICS

Back Button MS6258GU Datasheet HTML 4Page - MOSA ELECTRONICS MS6258GU Datasheet HTML 5Page - MOSA ELECTRONICS MS6258GU Datasheet HTML 6Page - MOSA ELECTRONICS MS6258GU Datasheet HTML 7Page - MOSA ELECTRONICS MS6258GU Datasheet HTML 8Page - MOSA ELECTRONICS MS6258GU Datasheet HTML 9Page - MOSA ELECTRONICS MS6258GU Datasheet HTML 10Page - MOSA ELECTRONICS MS6258GU Datasheet HTML 11Page - MOSA ELECTRONICS MS6258GU Datasheet HTML 12Page - MOSA ELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
MOSA
MS6258
Gain And Attenuation Volume Controller IC
REV 1
10
www.mosanalog.com.tw
APPLICATION INFORMATION
Basic application example
MCU
SDA
8
9
SCL
V
DD
V
SS
Supply
2.7~5V
10
7
47uF
0.1uF
Stereo Signal 1
MS6258
L-IN1
R-IN1
5
12
10uF
10uF
L-IN2
R-IN2
4
13
10uF
10uF
L-IN3
R-IN3
3
14
10uF
10uF
L-IN4
R-IN4
2
15
10uF
10uF
Stereo Signal 2
Stereo Signal 3
Stereo Signal 4
10k
L-OUT
6
10uF
R-OUT
11
Power
Amplifier
10uF
10k
A.O
V
REF
10uF
Hi : Addr 10001000B
Lo: Addr 10001100B
16
1
Basic application flowchart
Volume Control
volume down to -79 dB
step by step
Enable Mute Function
mute on
Power off
V
DD = 0V
Pop Noise Free
power off preparation
wait 0.5 sec
Procedure Of Power Off
Procedure Of Power On
Volume Control
volume up/down
step by step
Initial Conditions
function off (-79dB)
mute on
Pop Noise Free
wait 1 sec
Disable Mute Function
mute off
Power on
V
DD = 5V
1. The initial condition is –79dB and mute on when power on.
2. In order to prevent pop noise when power on, please wait 1 sec to transmit I
2C command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com