Electronic Components Datasheet Search
  English  ▼

X  

MS6308TR Datasheet(PDF) 3 Page - MOSA ELECTRONICS

Part # MS6308TR
Description  Class AB Stereo Headphone Driver Low Distortion, Excellent PSRR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSA [MOSA ELECTRONICS]
Direct Link  http://www.mosanalog.com
Logo MOSA - MOSA ELECTRONICS

MS6308TR Datasheet(HTML) 3 Page - MOSA ELECTRONICS

  MS6308TR Datasheet HTML 1Page - MOSA ELECTRONICS MS6308TR Datasheet HTML 2Page - MOSA ELECTRONICS MS6308TR Datasheet HTML 3Page - MOSA ELECTRONICS MS6308TR Datasheet HTML 4Page - MOSA ELECTRONICS MS6308TR Datasheet HTML 5Page - MOSA ELECTRONICS MS6308TR Datasheet HTML 6Page - MOSA ELECTRONICS MS6308TR Datasheet HTML 7Page - MOSA ELECTRONICS MS6308TR Datasheet HTML 8Page - MOSA ELECTRONICS MS6308TR Datasheet HTML 9Page - MOSA ELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
MOSA
MS6308
Class AB Stereo Headphone Driver
REV 1
3
www.mosanalog.com.tw
5V ELECTRICAL CHARACTERISTICS
(Ta=25℃, VDD=5V, VSS=0V, VO=3.5Vpp, f=1kHz, RL=32Ω; unless otherwise specified)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
DC Characteristics
IQ
Quiescent current
Vo=0Vpp, 2 channels
-
3.2
4
mA
VO
Maximum output voltage swing
(THD+N)/S<0.1%
3.5
4
-
Vpp
PSRR
Power supply rejection ratio
Vripple = -20dBV, 100Hz
-
70
-
dB
CS
Cannel separation
-
100
-
dB
AC Characteristics
-
-75
-67
dB
THD+N
Total harmonic distortion plus
noise
(THD+N)/S<0.1%
-
0.017
0.044
%
S/N
Signal-to-noise ratio
100
110
-
dB
SR
Slew rate
Unity gain inverting
-
5
-
V/
µs
Po
Maximum output power
(THD+N)/S<0.1%, 2 ch
-
124
-
mW
2.8V ELECTRICAL CHARACTERISTICS
(Ta=25℃, VDD=2.8V, VSS=0V, VO=2Vpp, f=1kHz, RL=32Ω; unless otherwise specified)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
DC Characteristics
IQ
Quiescent current
Vo=0Vpp, 2 channels
-
2.3
3
mA
VO
Maximum output voltage swing
(THD+N)/S<0.1%
1.8
2
-
Vpp
PSRR
Power supply rejection ratio
Vripple = -20dBV, 100Hz
-
66
-
dB
CS
Cannel separation
-
92
-
dB
AC Characteristics
-
-70
-63
dB
THD+N
Total harmonic distortion plus
noise
(THD+N)/S<0.1%
-
0.031
0.070
%
S/N
Signal-to-noise ratio
90
100
-
dB
Po
Maximum output power
(THD+N)/S<0.1%, 2 ch
-
31
-
mW



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com