Electronic Components Datasheet Search
  English  ▼

X  

MS6258SSU Datasheet(PDF) 8 Page - MOSA ELECTRONICS

Part # MS6258SSU
Description  Gain and Attenuation Volume Controller IC 4 Sets of Stereo Input, Low voltage Gain and Attenuation 15~-79dB
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSA [MOSA ELECTRONICS]
Direct Link  http://www.mosanalog.com
Logo MOSA - MOSA ELECTRONICS

MS6258SSU Datasheet(HTML) 8 Page - MOSA ELECTRONICS

Back Button MS6258SSU Datasheet HTML 4Page - MOSA ELECTRONICS MS6258SSU Datasheet HTML 5Page - MOSA ELECTRONICS MS6258SSU Datasheet HTML 6Page - MOSA ELECTRONICS MS6258SSU Datasheet HTML 7Page - MOSA ELECTRONICS MS6258SSU Datasheet HTML 8Page - MOSA ELECTRONICS MS6258SSU Datasheet HTML 9Page - MOSA ELECTRONICS MS6258SSU Datasheet HTML 10Page - MOSA ELECTRONICS MS6258SSU Datasheet HTML 11Page - MOSA ELECTRONICS MS6258SSU Datasheet HTML 12Page - MOSA ELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
MOSA
MS6258
Gain And Attenuation Volume Controller IC
REV 1
8
www.mosanalog.com.tw
Data bytes description
Function bits
MSB
LSB
Function
1
1
1
1
1
1
1
1
Function off (-79dB)
1
1
0
1
A3
A2
A1
A0
2-channel, -1dB/step
1
1
1
0
0
B2
B1
B0
2-channel, -10dB/step
1
0
1
0
A3
A2
A1
A0
Left channel, -1dB/step
1
0
1
1
0
B2
B1
B0
Left channel, -10dB/step
0
0
1
0
A3
A2
A1
A0
Right channel, -1dB/step
0
0
1
1
0
B2
B1
B0
Right channel, -10dB/step
1
1
0
0
C3
C2
C1
C0
2-channel, +1dB/step
0
1
1
0
C3
C2
C1
C0
Left channel, +1dB/step
0
1
0
1
C3
C2
C1
C0
Right channel, +1dB/step
0
0
0
0
Stereo1
0
0
0
1
Stereo2
0
0
1
0
Stereo3
0
1
0
0
0
0
1
1
Stereo4
0
0
0
1
Power off preparation (pop noise free)
1
0
0
1
2-channel, mute On
0
1
1
1
1
0
0
0
2-channel, mute Off
Gain / Attenuation bits
A3
A2
A1
A0
Gain / Attenuation value (dB)
-
B2
B1
B0
C3
C2
C1
C0
A
B
C
0
0
0
0
0
0
0
0
0
0
1
-1
-10
+1
0
0
1
0
-2
-20
+2
0
0
1
1
-3
-30
+3
0
1
0
0
-4
-40
+4
0
1
0
1
-5
-50
+5
0
1
1
0
-6
-60
+6
0
1
1
1
-7
-70
+7
1
0
0
0
-8
-
+8
1
0
0
1
-9
-
+9
1
0
1
0
-
-
+10
1
0
1
1
-
-
+11
1
1
0
0
-
-
+12
1
1
0
1
-
-
+13
1
1
1
0
-
-
+14
1
1
1
1
-
-
+15
1. Where Ax=-1dB/step, Bx=-10dB/step, Cx=+1dB/step
2. The function of power off preparation is to prevent pop noise when power off.
3. The initial condition is set to be maximum attenuation –79dB and mute on mode when the power on.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com