Electronic Components Datasheet Search
  English  ▼

X  

MS6333TR Datasheet(PDF) 9 Page - MOSA ELECTRONICS

Part # MS6333TR
Description  16-Bit Stereo Audio DAC & Headphone Driver Single Supply Voltage and Low Voltage Low Power Consumption 8.9mW Mute And Power Down Function
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSA [MOSA ELECTRONICS]
Direct Link  http://www.mosanalog.com
Logo MOSA - MOSA ELECTRONICS

MS6333TR Datasheet(HTML) 9 Page - MOSA ELECTRONICS

Back Button MS6333TR Datasheet HTML 4Page - MOSA ELECTRONICS MS6333TR Datasheet HTML 5Page - MOSA ELECTRONICS MS6333TR Datasheet HTML 6Page - MOSA ELECTRONICS MS6333TR Datasheet HTML 7Page - MOSA ELECTRONICS MS6333TR Datasheet HTML 8Page - MOSA ELECTRONICS MS6333TR Datasheet HTML 9Page - MOSA ELECTRONICS MS6333TR Datasheet HTML 10Page - MOSA ELECTRONICS MS6333TR Datasheet HTML 11Page - MOSA ELECTRONICS MS6333TR Datasheet HTML 12Page - MOSA ELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
MOSA
MS6333
16-Bit Stereo Audio DAC & Headphone Driver
REV1
9
www.mosanalog.com
A MP3 with FM application
MS6333 combined with FM Function by using MS6257 as volume controller (-79dB to +15dB)
BCK
WS
DATA
MUTE
100K
1uF
PD
VOR-IN
VOR-OUT
VOL-IN
VOL-OUT
Decoder
MCU
MS6333
Headphone
CF
RF
47uF
32Ω
Headphone
CF
RF
47uF
32Ω
L-IN
L-OUT
VSS
SDA
R-IN
R-OUT
VDD
SCL
MS6257
1
2
3
5
6
7
8
4
FM-L
FM-R
RFM
RFM
Note :
FM mode, DC Gain = RF/ RFM
Fig.5
MP3 with FM application circuit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com