Electronic Components Datasheet Search
  English  ▼

X  

MS6714 Datasheet(PDF) 5 Page - MOSA ELECTRONICS

Part # MS6714
Description  4 Stereo Inputs and 2 Channels Output Volume, Tone, Balance, Loudness and Selectable Input Gain
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSA [MOSA ELECTRONICS]
Direct Link  http://www.mosanalog.com
Logo MOSA - MOSA ELECTRONICS

MS6714 Datasheet(HTML) 5 Page - MOSA ELECTRONICS

  MS6714 Datasheet HTML 1Page - MOSA ELECTRONICS MS6714 Datasheet HTML 2Page - MOSA ELECTRONICS MS6714 Datasheet HTML 3Page - MOSA ELECTRONICS MS6714 Datasheet HTML 4Page - MOSA ELECTRONICS MS6714 Datasheet HTML 5Page - MOSA ELECTRONICS MS6714 Datasheet HTML 6Page - MOSA ELECTRONICS MS6714 Datasheet HTML 7Page - MOSA ELECTRONICS MS6714 Datasheet HTML 8Page - MOSA ELECTRONICS MS6714 Datasheet HTML 9Page - MOSA ELECTRONICS Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
MOSA
MS6714
4 Stereo Inputs / 2 Channels Output Audio Processor
REV1.0
5
www.mosanalog.com
2.7V ELECTRICAL CHARACTERISTICS
(Ta=25℃, All stages 0dB, f=1kHz, CREF =22uF, refer to the application circuit; unless otherwise specified)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Supply
IQ
Quiescent Current
VIN=0V
-
8.7
9
mA
PSRR
Power Supply Rejection Ratio
CREF = 22uF, f = 100Hz
53
58
-
dB
General
VOMAX
Maximum Output Voltage Swing
(THD+N)/S <0.3%
-
2.5
-
Vpp
-
-50
-
dB
THD+N
Total Harmonic Distortion Plus
Noise
VOUT=2Vpp
-
0.3
-
%
S/N
Signal-to-Noise Ratio
VOUT=2.5Vpp
90
94
-
dB
CS
Channel Separation Left/Right
90
94
-
dB
TYPICAL PERFORMANCE CHARACTERISTICS
(Ta=25℃, All stages 0dB, f=1kHz, CREF =22uF, refer to the application circuit; unless otherwise specified)
FREQUENCY (Hz)
FREQUENCY (Hz)
FREQUENCY (Hz)
Loudness vs. Volume
VDD=5V
Volume=-40dB
VDD=5V
100nF
33nF
OPEN
10nF
220nF
Loudness OFF
56nF
VDD=5V
CLOUD = 100nF
Loudness vs. Frequency vs. Volume
Loudness vs. External Capacitors
FREQUENCY (Hz)
FREQUENCY (Hz)
SUPPLY VOLTAGE (V)
VDD=2.7V
VIN=-3dBV
VDD=5V
VIN=0dBV
VDD=5V
Treble=Bass= -14~14dB
Typical Tone Response
Channel Separation vs. Frequency
Quiescent Current vs. Supply Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com