Electronic Components Datasheet Search
  English  ▼

X  

MS6713SSGU Datasheet(PDF) 6 Page - MOSA ELECTRONICS

Part # MS6713SSGU
Description  3 Stereo Inputs and 4 Channels Output Volume, Tone, Balance, Fader, Loudness, and Selectable Input Gain
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSA [MOSA ELECTRONICS]
Direct Link  http://www.mosanalog.com
Logo MOSA - MOSA ELECTRONICS

MS6713SSGU Datasheet(HTML) 6 Page - MOSA ELECTRONICS

Back Button MS6713SSGU Datasheet HTML 2Page - MOSA ELECTRONICS MS6713SSGU Datasheet HTML 3Page - MOSA ELECTRONICS MS6713SSGU Datasheet HTML 4Page - MOSA ELECTRONICS MS6713SSGU Datasheet HTML 5Page - MOSA ELECTRONICS MS6713SSGU Datasheet HTML 6Page - MOSA ELECTRONICS MS6713SSGU Datasheet HTML 7Page - MOSA ELECTRONICS MS6713SSGU Datasheet HTML 8Page - MOSA ELECTRONICS MS6713SSGU Datasheet HTML 9Page - MOSA ELECTRONICS MS6713SSGU Datasheet HTML 10Page - MOSA ELECTRONICS Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
MOSA
MS6713
3 Stereo Inputs / 4 Channels Output Audio Processor
REV1.0
6
www.mosanalog.com
FREQUENCY (Hz)
OUTPUT VOLTAGE (dBV)
VDD=2.7V
VO=2Vpp
f=1kHz
f=20Hz
f=20kHz
f=20kHz
f=20Hz
f=1kHz
VDD=5V
VO=2Vpp
VDD=2.7V
VDD=5V
OUTPUT VOLTAGE (dBV)
THD+N vs. Frequency
THD+N vs. Output Voltage
THD+N vs. Output Voltage
FREQUENCY (Hz)
CAP=22uF
CAP=22uF
CAP=10uF
CAP=10uF
VDD=5V
VRR=-20dBV
VDD=2.7V
VRR=-20dBV
FREQUENCY (Hz)
PSRR vs. Frequency
PSRR vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com