Electronic Components Datasheet Search
  English  ▼

X  

CTA41AS6 Datasheet(PDF) 2 Page - CIT Relay & Switch

Part # CTA41AS6
Description  CIT SWITCH
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIT [CIT Relay & Switch]
Direct Link  http://www.citswitch.com
Logo CIT - CIT Relay & Switch

CTA41AS6 Datasheet(HTML) 2 Page - CIT Relay & Switch

  CTA41AS6 Datasheet HTML 1Page - CIT Relay & Switch CTA41AS6 Datasheet HTML 2Page - CIT Relay & Switch  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Distributor: Electro-Stock www.electrostock.com Tel: 630-682-1542 Fax: 630-682-1562
ORDERING INFORMATION
1. Series:
CTA4
CTA4
2.Contact Arrangement:
1A = SPST N.O.
1C = SPDT
1U = SPST N.O.
1W = SPDT
2A = (2) SPST N.O.
2C = (2) SPDT
2U = (2) SPST N.O.
2W = (2) SPDT
1C
3. Sealing Options:
S = Sealed
C = Dust Cover
S
4. Coil Voltage:
3VDC
5VDC
6VDC
9VDC
12VDC
18VDC
24VDC
12VDC
DIMENSIONS (Units = mm)
SINGLE PACKAGE
DUAL PACKAGE
SCHEMATICS & PC LAYOUTS (BOTTOM VIEWS)
1A
1C
1U
1W
2A
2C
2U
2W
CTA4



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com