Electronic Components Datasheet Search
  English  ▼

X  

AM461 Datasheet(PDF) 4 Page - Analog Microelectronics

Part # AM461
Description  AMPLIFIER AND PROTECTION IC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AM461 Datasheet(HTML) 4 Page - Analog Microelectronics

  AM461 Datasheet HTML 1Page - Analog Microelectronics AM461 Datasheet HTML 2Page - Analog Microelectronics AM461 Datasheet HTML 3Page - Analog Microelectronics AM461 Datasheet HTML 4Page - Analog Microelectronics AM461 Datasheet HTML 5Page - Analog Microelectronics AM461 Datasheet HTML 6Page - Analog Microelectronics AM461 Datasheet HTML 7Page - Analog Microelectronics AM461 Datasheet HTML 8Page - Analog Microelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
AMPLIFIER AND PROTECTION IC
AM461
analog microelectronics
October 2002
4/8
ELECTRICAL SPECIFICATIONS
Tamb = 25°C, VCC = 24V, IREF = 1mA, C1 = 2.2µF (unless otherwise noted)
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Voltage Range
VCC
635
V
Quiescent Current
ICC
Tamb = – 40...+85°C, IREF = 0mA
1.5
mA
Temperature Specifications
Operating
Tamb
–40
85
°C
Storage
Tst
–55
125
°C
Junction
TJ
150
°C
Thermal Resistance
Θ
ja
DIL8 plastic package
110
°C/W
Θ
ja
SO8 plastic package
180
°C/W
Voltage Reference
Voltage
VREF
4.75
5.00
5.25
V
Current
IREF
1.0
10.0
mA
VREF vs. Temperature
dVREF/dTTamb = – 40...+85°C
±
90
±
140
ppm/°C
Line Regulation
dVREF/dVVCC = 6V...35V
30
80
ppm/V
dVREF/dV
VCC = 6V...35V, IREF ≈ 5mA
60
150
ppm/V
Load Regulation
dVREF/dI
0.05
0.10
%/mA
dVREF/dI
IREF ≈ 5mA
0.06
0.15
%/mA
Current/Voltage Source OP2
Internal Reference
VBG
1.20
1.27
1.35
V
VBG vs. Temperature
dVBG/dTTamb = – 40...+85°C
±
60
±
140
ppm/°C
Current Source: ICV = VBG/RSET
Adjustable Current Range
ICVREF
010
mA
Output Voltage
VCVREF
VCC < 18V
VBG
VCC – 4
V
VCVREF
VCC ≥ 18V
VBG
13
V
Voltage Source: VCV = VBG (1 + R4 / R3)
Adjustable Voltage Range
VCVREF
VCC < 18V
0.4
VCC – 4
V
VCVREF
VCC ≥ 18V
0.4
13
V
Output Current
ICVREF
Source, R3 + R4 ≥ 100kΩ
10
mA
ICVREF
Sink
–100
µA
Load Capacitance @ CVREF
CCVREF
Source mode
0
1
10
nF



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com