Electronic Components Datasheet Search
  English  ▼

X  

CTA41AS9 Datasheet(PDF) 1 Page - CIT Relay & Switch

Part # CTA41AS9
Description  CIT SWITCH
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIT [CIT Relay & Switch]
Direct Link  http://www.citswitch.com
Logo CIT - CIT Relay & Switch

CTA41AS9 Datasheet(HTML) 1 Page - CIT Relay & Switch

  CTA41AS9 Datasheet HTML 1Page - CIT Relay & Switch CTA41AS9 Datasheet HTML 2Page - CIT Relay & Switch  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Distributor: Electro-Stock www.electrostock.com Tel: 630-682-1542 Fax: 630-682-1562
FEATURES:
•
Low coil power consumption
•
Small size and light weight
•
Switching current up to 20A
•
Suitable for household appliances, automotive applications
•
Dual relay available
16.9 x 14.5 (29.7) x 19.5 mm
CONTACT DATA
Contact Arrangement
1A & 1U = SPST N.O.
1C & 1W = SPDT
2A & 2U = (2) SPST N.O.
2C & 2W = (2) SPDT
Contact Ratings
1A, 1C, 2A, & 2C: 10A @ 120VAC, 28VDC; 20A @ 14VDC
1U, 1W, 2U, & 2W: 2x10A @ 120VAC, 28VDC; 2x20A @ 14VDC
Contact Resistance
< 30 milliohms initial
Contact Material
AgSnO2
Maximum Switching Power
1A & 1C = 280W; 1U & 1W = 2x280W
Maximum Switching Voltage
380VAC, 75VDC
Maximum Switching Current
20A
COIL DATA
Coil Voltage
VDC
Rated
Max.
Coil Resistance
Ω ± 10%
Pick Up Voltage
VDC (max)
75%
of rated voltage
Release Voltage
VDC (min)
10%
of rated voltage
Coil Power
W
Operate Time
ms
Release Time
ms
3
3.9
9
2.25
0.3
5
6.5
25
3.75
0.5
6
7.8
36
4.50
0.6
9
11.7
85
6.75
0.9
12
15.6
145
9.00
1.2
18
23.4
342
13.50
1.8
24
31.2
576
18.00
2.4
1.0
10
5
CAUTION:
1. The use of any coil voltage less than the rated coil voltage may compromise the operation of the relay.
2. Pickup and release voltages are for test purposes only and are not to be used as design criteria.
GENERAL DATA
Electrical Life @ rated load
Mechanical Life
100K cycles, typical
10M cycles, typical
Insulation Resistance
100M
Ω min @ 500VDC
Dielectric Strength, Coil to Contact
Contact to Contact
1500V rms min. @ sea level
750V rms min. @ sea level
Shock Resistance
100m/s
2 for 11ms
Vibration Resistance
1.27mm double amplitude 10-40Hz
Terminal (Copper Alloy) Strength
10N
Operating Temperature
Storage Temperature
-40
°C to + 85 °C
-40
°C to + 155 °C
Solderability
230
°C ± 2 °C for 10 ± 0.5s
Weight
12g & 24g
CTA4


Similar Part No. - CTA41AS9

ManufacturerPart #DatasheetDescription
logo
II-VI Marlow, Inc.
CTA400-0001-01 VIMARLOW-CTA400-0001-01 Datasheet
322Kb / 2P
Air to Air TE Exchanger Standard Product
CTA400-0001-01 VIMARLOW-CTA400-0001-01 Datasheet
322Kb / 2P
Climatherm 400 Series
logo
Coherent Corp
CTA400-0001-01 COHERENT-CTA400-0001-01 Datasheet
1Mb / 3P
AIR TO AIR TE EXCHANGER STANDARD PRODUCT
logo
II-VI Marlow, Inc.
CTA400-0001-02 VIMARLOW-CTA400-0001-02 Datasheet
322Kb / 2P
Air to Air TE Exchanger Standard Product
CTA400-0001-02 VIMARLOW-CTA400-0001-02 Datasheet
322Kb / 2P
Climatherm 400 Series
More results

Similar Description - CTA41AS9

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
A41AS3VDC CIT-A41AS3VDC Datasheet
190Kb / 2P
CIT SWITCH
A61AS6VDC.9 CIT-A61AS6VDC.9 Datasheet
144Kb / 2P
CIT SWITCH
A111AS12VDC.60 CIT-A111AS12VDC.60 Datasheet
183Kb / 2P
CIT SWITCH
ANP11F4B CIT-ANP11F4B Datasheet
374Kb / 7P
CIT SWITCH
BNP10SBQ CIT-BNP10SBQ Datasheet
295Kb / 5P
CIT SWITCH
BTNXC CIT-BTNXC Datasheet
345Kb / 5P
CIT SWITCH
CH1NAS CIT-CH1NAS Datasheet
182Kb / 2P
CIT SWITCH
CS1211 CIT-CS1211 Datasheet
111Kb / 1P
CIT SWITCH
J0982AS3VDC.60 CIT-J0982AS3VDC.60 Datasheet
166Kb / 2P
CIT SWITCH
J0991AS3VDC.45 CIT-J0991AS3VDC.45 Datasheet
173Kb / 2P
CIT SWITCH
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com