Electronic Components Datasheet Search
  English  ▼

X  

DVMD28 Datasheet(PDF) 9 Page - Delta Electronics, Inc.

Part # DVMD28
Description  HIGH RELIABILITY HYBRID EMI FILTERS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

DVMD28 Datasheet(HTML) 9 Page - Delta Electronics, Inc.

Back Button DVMD28 Datasheet HTML 3Page - Delta Electronics, Inc. DVMD28 Datasheet HTML 4Page - Delta Electronics, Inc. DVMD28 Datasheet HTML 5Page - Delta Electronics, Inc. DVMD28 Datasheet HTML 6Page - Delta Electronics, Inc. DVMD28 Datasheet HTML 7Page - Delta Electronics, Inc. DVMD28 Datasheet HTML 8Page - Delta Electronics, Inc. DVMD28 Datasheet HTML 9Page - Delta Electronics, Inc. DVMD28 Datasheet HTML 10Page - Delta Electronics, Inc. DVMD28 Datasheet HTML 11Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
DVMD28 Series
1X024DSE
9
ENVIRONMENTAL SCREENING (100% Tested Per MIL-STD-883 as referenced to MIL-PRF-38534)
Notes:
1.
100% R&R testing at –55°C, +25°C, and +125°C with all test data included in product shipment.
2.
PIND test Certificate of Compliance included in product shipment.
3.
Radiographic test Certificate of Compliance and film(s) included in product shipment.
Screening
MIL-STD-883
Standard
(No Suffix)
Extended
/ES
HB
/HB
Class H
/H
Class K
/K
Non-
Destructive
Bond Pull
N/A – Products do not contain
Wirebonds
N/A
N/A
N/A
N/A
N/A
Internal
Visual
Method 2017, 2032
Internal Procedure
•
•
•
•
•
Temperature
Cycling
Method 1010, Condition C
Method 1010, -55°C to 125°C
•
•
•
•
Constant
Acceleration
Method 2001, 3000g, Y1 Direction
Method 2001, 500g, Y1 Direction
•
•
•
•
PIND
Method 2020, Condition A
2
•
Pre Burn-In
Electrical
100% at 25°C
•
Burn-In
Method 1015, 320 hours at +125°C
Method 1015, 160 hours at +125°C
96 hours at +125°C
24 hours at +125°C
•
•
•
•
•
Final
Electrical
MIL-PRF-38534, Group A
1
100% at 25°C
•
•
•
•
•
Hermeticity
Method 1014, Fine Leak, Condition A
Method 1014, Gross Leak, Condition C
Dip (1 x 10
-3)
•
•
•
•
•
•
•
•
•
Radiography
Method 2012
3
•
External
Visual
Method 2009
•
•
•
•
•



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com