Electronic Components Datasheet Search
  English  ▼

X  

FBGA-SD Datasheet(PDF) 1 Page - STATS ChipPAC, Ltd.

Part # FBGA-SD
Description  Fine Pitch Ball Grid Array - Stacked Die
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STATSCHIP [STATS ChipPAC, Ltd.]
Direct Link  http://www.statschippac.com
Logo STATSCHIP - STATS ChipPAC, Ltd.

FBGA-SD Datasheet(HTML) 1 Page - STATS ChipPAC, Ltd.

  FBGA-SD Datasheet HTML 1Page - STATS ChipPAC, Ltd. FBGA-SD Datasheet HTML 2Page - STATS ChipPAC, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.statschippac.com
FEATURES
• 2 die to 7 die stack with spacer capability
• 5 x 5mm to 23 x 23mm body size
• Package height at 1.0, 1.2, 1.4 and 1.7mm max.
• Flexible die stacking options (“pyramid,” “same die,” etc.)
• 0.5mm to 1.0mm ball pitch, Eutectic and Lead-free
solder ball
• Flash/SRAM/PSRAM/Logic/Analog combinations
• JEDEC standard package outlines
• Die thinning to 75um (3mils) capability
• Low loop wire bonding; reverse and die to die
• Up to 2mm die overhang per side
• Halogen-free and Low-K wafer compatible BOM
• Ball counts up to 450 balls
• FBGA-SD: Laminate substrate based enabling
2 & 4 layers of routing flexibility
• FBGA-T-SD: Single metal layer tape based
substrate with dense routing & good electrical
performance
• Available in 1.4mm (LFBGA-SD), 1.2mm (TFBGA-
SD/TFBGA-T-SD), 1.0mm (VFBGA-SD/VFBGA-T-
SD) & 0.80mm (WFBGA-SD) maximum package
thickness
• Stacking of die allows for more functionality in
an array molded, cost effective, space saving
package solution
DESCRIPTION
STATS ChipPAC’s Fine Pitch Ball Grid Array Stacked Die
(FBGA-SD) offering includes LFBGA-SD, TFBGA-SD,
VFBGA-SD and WFBGA-SD packages. Tape versions of
VFBGA-SD and TFBGA-SD are also available. STATS
ChipPAC’s chip stack technology offers the flexibility of
stacking 2 to 7 die in a single package. Die to die bonding
capability enables device and signal integration to
improve electrical performance and reduce overall
package I/O requirements. Wafer thinning technology,
overhang wire bond technology and the use of spacers
between stacked die provide the flexibility to stack almost
any desirable configuration of die in one package. This
capability uses existing assembly infrastructure, which
results in more functional integration with lower overall
package cost. The use of the latest packaging materials
allows this package to meet JEDEC Moisture Resistance
Test Level 2a with Lead-free reflow conditions. This is an
ideal package for cell phone applications where Digital,
Flash, SRAM, PSRAM and Logic are stacked into a single
package.
FBGA-SD
Fine Pitch Ball Grid Array - Stacked Die
APPLICATIONS
• Suitable for a variety of applications including
memory integration (ASIC or Logic)
• Chipset integration (Analog/Digital), mixed
technologies integration (Baseband/RF)
• Handheld products (Cellular Phones, Pagers, MP3
Players, GPS)
• Consumer electronics (Internet applications,
Digital Cameras/Camcorders)
• Computers (Network PCs)
• PC peripherals (Disk Drivers, DC-R/RW, Mini Disk,
DVD Drivers)


Similar Part No. - FBGA-SD

ManufacturerPart #DatasheetDescription
logo
STATS ChipPAC, Ltd.
FBGA STATSCHIP-FBGA Datasheet
559Kb / 2P
Fine Pitch Ball Grid Array
logo
Amkor Technology
FBGA AMKOR-FBGA Datasheet
746Kb / 2P
Amkor’s ChipArray® Ball Grid Array (CABGA) laminate based packages are compatible with SMT mounting processes worldwide.
06/19
logo
List of Unclassifed Man...
FBGA96T.5-DC144 ETC-FBGA96T.5-DC144 Datasheet
37Kb / 2P
FBGA96T.5-DC144
logo
Advanced Energy Industr...
FBGANALYZER ADVANCEDENERGY-FBGANALYZER Datasheet
1Mb / 4P
Precise, reliable, and compact spectral analyzer for Fiber Bragg Grating (FBG) sensing
More results

Similar Description - FBGA-SD

ManufacturerPart #DatasheetDescription
logo
STATS ChipPAC, Ltd.
FBGA STATSCHIP-FBGA Datasheet
559Kb / 2P
Fine Pitch Ball Grid Array
FLGA-SD STATSCHIP-FLGA-SD Datasheet
537Kb / 2P
Fine Pitch Land Grid Array - Stacked Die
logo
Yamaichi Electronics Co...
IC264-22501-1 YAMAICHI-IC264-22501-1 Datasheet
200Kb / 1P
Ball Grid Array (BGA, 1.50mm Pitch)
IC280-169-127 YAMAICHI-IC280-169-127 Datasheet
263Kb / 5P
Ball Grid Array (FBGA / CSP / LGA)
NP276-11904 YAMAICHI-NP276-11904 Datasheet
738Kb / 11P
Ball Grid Array (BGA, 1.27mm Pitch)
NP291-03617 YAMAICHI-NP291-03617 Datasheet
41Kb / 1P
Fine Ball Grid Array (FBGA, 0.75mm Pitch)
NP352-04808 YAMAICHI-NP352-04808 Datasheet
563Kb / 8P
Fine Ball Grid Array (FBGA, 1.00mm Pitch)
NP396-500 YAMAICHI-NP396-500 Datasheet
120Kb / 1P
Shrink Ball Grid Array (1.27mm Pitch)
logo
KOA Speer Electronics, ...
BR KOA-BR Datasheet
370Kb / 2P
ball grid array (bga) resistor networks
logo
Abracon Corporation
ASCSM ABRACON-ASCSM Datasheet
1Mb / 3P
Ball Grid Array Packaging
04.24.14
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com