Electronic Components Datasheet Search
  English  ▼

X  

G218B Datasheet(PDF) 5 Page - Global Mixed-mode Technology Inc

Part # G218B
Description  Ultra160 Multi-mode LVD/SE SCSI Terminator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G218B Datasheet(HTML) 5 Page - Global Mixed-mode Technology Inc

  G218B Datasheet HTML 1Page - Global Mixed-mode Technology Inc G218B Datasheet HTML 2Page - Global Mixed-mode Technology Inc G218B Datasheet HTML 3Page - Global Mixed-mode Technology Inc G218B Datasheet HTML 4Page - Global Mixed-mode Technology Inc G218B Datasheet HTML 5Page - Global Mixed-mode Technology Inc G218B Datasheet HTML 6Page - Global Mixed-mode Technology Inc G218B Datasheet HTML 7Page - Global Mixed-mode Technology Inc G218B Datasheet HTML 8Page - Global Mixed-mode Technology Inc G218B Datasheet HTML 9Page - Global Mixed-mode Technology Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Ver 1.4
Apr 07, 2005
TEL: 886-3-5788833
http://www.gmt.com.tw
5
G218B
Global Mixed-mode Technology Inc.
Recommended Operating Conditions
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
Vtpwr (SE)
4.0
5
5.5
Termpower Voltage
Vtpwr (LVD)
2.9
5
5.5
V
Logic 0
Vil
-0.3
---
+0.8
V
Logic 1
Vih
2.0
---
Vtpwr+0.3
V
Operating Temperature
Tamb
0
---
70
°C
Electrical Characteristics
Unless otherwise specified, these specifications apply over the operating ambient temperature range of
0°C
≤T
A≤70°C.
PARAMETER
SYMBOL
Condition
MIN
TYP
MAX
UNITS
LVD Terminator Section
Differential Mode Termination Resistance
Rdm
100
105
110
Ohms
Common Mode Termination Resistance
Rcm
110
150
190
Ohms
Differential Mode Bias
Vdm
All lines Open
100
112
125
mV
Common Mode Bias
Vcm
1.125
1.25
1.375
V
Single Ended Terminator Section
Output Capacitance
Cout
Note
3
pF
SE Termination Resistance
Rse
Vline = 0-3.0 volts
104.5
110
115.5
Ohms
SE Voltage Reference
Vref
2.79
2.85
2.93
Volts
SE output Current
Iose
Vline = 0.2 volts
25.4
mA
Regulator Section
Line Regulation
LIREG
1.0
2.5
%
Load Regulation
LOREG
1.3
3.5
%
Current Limit
ILIM
350
mA
Sink Current
ISINK
200
mA
DC Section
SE mode (No Load)
4
Termpower Current
Itpmr
LVD mode (No Load)
20
mA
Input Leakage High
Iih
-1.0
µA
Input Leakage Low
Iil
1.0
µA
Output Current High
Ioh
Vout = 2.4 volts;SE/LVD/HVD Pins only
-1.0
mA
Output Current Low
Iol
Vout=0.4 volts;SE/LVD/HVD Pins only
4.0
mA
DIFFSENS Section
DIFFSENS SE Operating Range
Vseor
-0.3
0.5
V
DIFFSENS LVD Operating Range
Vlvdor
0.7
1.9
V
DIFFSENS HVD Operating Range
Vhvdor
2.4
Vtpwr+0.3
V
DIFFSENSE Driver Output Voltage
Vdso
M/S=1; Ids = 0-5mA
1.2
1.4
V
DIFFSENSE Driver Source Current
Idsh
M/S = 1; Vdso=0V
5
15
mA
DIFFSENSE Driver Sink Current
Idsl
M/S=1; Vdso=2.75V
20
200
µA
Note: Guaranteed by Design
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com