Electronic Components Datasheet Search
  English  ▼

X  

FM704A Datasheet(PDF) 3 Page - Interpoint Corporation Company

Part # FM704A
Description  EMI INPUT FILTER AND TRANSIENT SUPPRESSION MODULE, 28 VOLT INPUT
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

FM704A Datasheet(HTML) 3 Page - Interpoint Corporation Company

  FM704A Datasheet HTML 1Page - Interpoint Corporation Company FM704A Datasheet HTML 2Page - Interpoint Corporation Company FM704A Datasheet HTML 3Page - Interpoint Corporation Company FM704A Datasheet HTML 4Page - Interpoint Corporation Company FM704A Datasheet HTML 5Page - Interpoint Corporation Company FM704A Datasheet HTML 6Page - Interpoint Corporation Company FM704A Datasheet HTML 7Page - Interpoint Corporation Company  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
MODEL NUMBERING KEY
PIN OUT
12
4
5
BOTTOM VIEW
FM-704A
Dot on top of package indicates pin one
3
6
FM - 704A /
883
Base Model
MIL-STD-704A Reference
Screening
(Standard screening has no designator
in this position.)
B3-5
EMI INPUT FILTERS
See Section B8, case K1 for dimensions.
Pin
Designation
1
Positive Input
2
Positive Output
3
Case Ground
4
Output Common
5
Input Common
6
Inhibit
FIGURE 2: PIN OUT
DSCC NUMBER
DSCC DRAWING
(5915)
94028-01HXC
FM-704A FILTER
SIMILAR PART
FM-704A/883
For exact specifications for a DSCC product, refer to the
DSCC drawing. See Section A3, “SMD/DSCC Lists”, for
more information.
0.068
F
Positive
Input
Input
Common
Positive
Output
Output
Common
FM-704A
3.6
H
6
F
25
3.6
H
6
F
3300
pF
15
3300 pF / 500V
390
H
Inhibit
Oscillator
3300 pF
500V
6600 pF
500V
Case
The case ground connection between the filter and the converter should be as low an impedance as possible
to minimize EMI. Direct contact of baseplate to chassis ground provides the lowest impedance.
FIGURE 1: SCHEMATIC – TYPICAL VALUES
FM-704A EMI FILTER
40 WATT



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com