Electronic Components Datasheet Search
  English  ▼

X  

FMH-461 Datasheet(PDF) 2 Page - Interpoint Corporation Company

Part # FMH-461
Description  EMI INPUT FILTER 28 VOLT INPUT
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

FMH-461 Datasheet(HTML) 2 Page - Interpoint Corporation Company

  FMH-461 Datasheet HTML 1Page - Interpoint Corporation Company FMH-461 Datasheet HTML 2Page - Interpoint Corporation Company FMH-461 Datasheet HTML 3Page - Interpoint Corporation Company FMH-461 Datasheet HTML 4Page - Interpoint Corporation Company FMH-461 Datasheet HTML 5Page - Interpoint Corporation Company FMH-461 Datasheet HTML 6Page - Interpoint Corporation Company FMH-461 Datasheet HTML 7Page - Interpoint Corporation Company FMH-461 Datasheet HTML 8Page - Interpoint Corporation Company FMH-461 Datasheet HTML 9Page - Interpoint Corporation Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
ABSOLUTE MAXIMUM RATINGS
RECOMMENDED OPERATING CONDITIONS
TYPICAL CHARACTERISTICS
Input Voltage
• 0 to 40 VDC continuous
Lead Soldering Temperature (10 sec per lead)
• 300°C
Storage Temperature Range (Case)
• –65°C to +150°C
B3-18
FMH EMI FILTER
1.5 AMP
Input Voltage Range
• 16 to 40 VDC continuous
Case Operating Temperature (Tc)
• –55°C to +125°C full power
Derating DC Input/Output current
• Derate linearly from 100% at 125°C to 0% at
135°C case
Electrical Characteristics: 25°C Tc, nominal Vin, unless otherwise specified.
EMI INPUT FILTERS
Capacitance
• 0.024 µF max, any pin to case
Isolation
• 100 megohm minimum at 500 V
• Any pin to case, except case pin
FMH-461
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
INPUT VOLTAGE
CONTINUOUS
0
28
40
VDC
INPUT CURRENT
—
—
1.5
A
NOISE REJECTION
200 kHz
35
40
—
dB
500 kHz
50
60
—
DC RESISTANCE (RDC)
TC = 25°C
—
0.20
0.35
Ω
OUTPUT VOLTAGE1
STEADY STATE
VOUT = VIN - IIN (RDC)
VDC
OUTPUT CURRENT
RIPPLE
—
—
0.3
A rms
STEADY STATE
——
1.5
A
INTERNAL POWER
DISSIPATION
MAXIMUM CURRENT
—
0.5
0.8
W
Notes
1. Typical applications result in Vout within 2% of Vin.
2
F
6800 pF
500 V
Positive
Input
Input
Common
Positive
Output
Output
Common
FMH-461
590
H
30
H
3300 pF
500V
1
F
5.1
1
F
2
F
34
FIGURE 1: SCHEMATIC



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com