Electronic Components Datasheet Search
  English  ▼

X  

FMD28-461SL Datasheet(PDF) 6 Page - Interpoint Corporation Company

Part # FMD28-461SL
Description  EMI INPUT FILTERS 28 & 270 VOLT INPUT
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

FMD28-461SL Datasheet(HTML) 6 Page - Interpoint Corporation Company

Back Button FMD28-461SL Datasheet HTML 2Page - Interpoint Corporation Company FMD28-461SL Datasheet HTML 3Page - Interpoint Corporation Company FMD28-461SL Datasheet HTML 4Page - Interpoint Corporation Company FMD28-461SL Datasheet HTML 5Page - Interpoint Corporation Company FMD28-461SL Datasheet HTML 6Page - Interpoint Corporation Company FMD28-461SL Datasheet HTML 7Page - Interpoint Corporation Company FMD28-461SL Datasheet HTML 8Page - Interpoint Corporation Company FMD28-461SL Datasheet HTML 9Page - Interpoint Corporation Company FMD28-461SL Datasheet HTML 10Page - Interpoint Corporation Company Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
B3-12
Typical Performance Curves: 25°C Tc , nominal Vin, unless otherwise specified.
FIGURE 11
FREQUENCY (kHz)
1.0
10
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0.1
100
DC BIAS: 10 AMP
FME28-461 OUTPUT IMPEDANCE
FREQUENCY (MHz)
0.1
1
10
50
90
80
70
60
50
40
30
20
10
0
.015
CE03
LIMIT
NARROWBAND
FIGURE 8
FREQUENCY (MHz)
0.1
1
10
50
90
80
70
60
50
40
30
20
10
0
.015
NARROWBAND
CE03
LIMIT
FIGURE 9
FIGURE 10
FREQUENCY (kHz)
1.0
10
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0.1
100
DC BIAS: 1 AMP
FME28-461 OUTPUT IMPEDANCE
FMD/FME EMI FILTER
0.7 TO 15 AMP
EMI INPUT FILTERS
Three paralleled and synchronized MFL2815D
converters without filtering.
Three paralleled and synchronized MFL2815D
converters with an FME28-461.
22021-001-DTS Rev B (CaseJ4)
DQ# 4002
All technical information is believed to be accurate, but no responsibility is assumed for
errors or omissions. Interpoint reserves the right to make changes in products or spec-
ifications without notice. FMD Series and FME Series are trademarks of Interpoint.
Copyright © 1992 - 1999 Interpoint. All rights reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com