Electronic Components Datasheet Search
  English  ▼

X  

35SWR106K Datasheet(PDF) 1 Page - RUBYCON CORPORATION

Part # 35SWR106K
Description  METALLIZED POLYESTER FILM CAPACITORS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

35SWR106K Datasheet(HTML) 1 Page - RUBYCON CORPORATION

  35SWR106K Datasheet HTML 1Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
METALLIZED POLYESTER FILM CAPACITORS
SWR
◆FEATURES
• Low E.S.R. and large capacitance.
• For applications where high frequency, high ripple current are required.
• Use when electrolytic capacitor is no due to high frequency.
• RoHS compliance.
SERIES
SWR
◆SPECIFICATIONS
−40℃∼+85℃
±10%(K)
0.01 max at 1kHz
UR×150% 60s
3000ΩF min
JIS C 5101-2, JIS C 5101-1
35VDC, 63VDC
Category temperture
Rated voltage (UR)
Voltage proof
Reference standard
Capacitance tolerance
tanδ
Insulation resistance
◆OUTLINE
(mm)
◆PART NUMBER
□□□
Rated Voltage
SWR
Series
□□□
Sub mark
□□
Suffix
□□□
Rated capacitance
□
Tolerance
Blank
Symbol
35
63
UR
35VDC
63VDC
Symbol
K
Tolerance
±10%
Symbol
Blank
Lead style
Long lead type
◆RATED VOLTAGE:35VDC
◆DIMENTIONS AND QUANTITY
: Tolerance(K:±10%)  **:Suffix
Part No.
Dimensions (mm)
Typical Packaging Quantity (pcs)
35SWR475 **
35SWR106 **
35SWR226 **
35SWR476 **
35SWR107 **
cap(μF)
AB
C
F±1.5 LS±0.5
d
Bag
Carton
AB, D
C
E
12.5
15.5
21.0
27.5
27.5
12.0
14.5
14.5
18.5
27.5
24.0
26.0
28.0
32.5
43.0
8.5
12.5
17.5
22.5
22.5
−
−
−
−
−
0.8
0.8
1.0
1.0
1.0
200
200
100
100
50
1,000
1,000
1,000
500
200
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
4.7
10
22
47
100
Long Lead type
Taping Ammo pack type - style
◆RATED VOLTAGE:63VDC
: Tolerance(K:±10%)  **:Suffix
Part No.
Dimensions (mm)
Typical Packaging Quantity (pcs)
63SWR475 **
63SWR106 **
63SWR226 **
cap(μF)
AB
C
F±1.5 LS±0.5
d
Bag
Carton
AB, D
C
E
15.0
21.0
26.5
11.0
12.5
16.5
25.0
25.0
32.0
11.0
17.0
22.5
−
−
−
0.8
1.0
1.0
100
100
100
1,000
1,000
1,000
−
−
−
−
−
−
−
−
−
−
−
−
S
−
−
−
−
−
S
−
−
−
4.7
10
22
Long Lead type
Taping Ammo pack type - style
TC
TX, TH TL, TJ
TN
TS
TC
TX, TH TL, TJ
TN
TS


Similar Part No. - 35SWR106K

ManufacturerPart #DatasheetDescription
logo
Thinki Semiconductor Co...
35S THINKISEMI-35S Datasheet
1Mb / 3P
35 Ampere Standard Type Block Rectifier Diodes for Automotive Alternators
logo
Johanson Technology Inc...
35S0118E JOHANSON-35S0118E Datasheet
36Kb / 2P
High-Q MLC S-Series, 0402, Hi-Q NP0/C0G, 50V, 8.2pF±0.1pF, Ni/Sn (RoHS), 7" Reel Paper Tape
04-10-2024
35S0118E JOHANSON-35S0118E Datasheet
36Kb / 2P
Capacitors High-Q MLC S-Series, 0402, Hi-Q NP0/C0G, 50V, 8.2pF±0.5pF, Ni/Sn (RoHS), 7" Reel Paper Tape
04-10-2024
logo
Multicomp Pro
35S2R-12 MULTICOMP-35S2R-12 Datasheet
236Kb / 1P
Audio / Video Cable
18/10/22 V1.1
35S2R-6 MULTICOMP-35S2R-6 Datasheet
236Kb / 1P
Audio / Video Cable
18/10/22 V1.1
More results

Similar Description - 35SWR106K

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MKT370 PHILIPS-MKT370 Datasheet
1Mb / 74P
Metallized polyester film capacitors
2001 Jun 22
logo
RUBYCON CORPORATION
MMK RUBYCON-MMK Datasheet
45Kb / 2P
METALLIZED POLYESTER FILM CAPACITORS
logo
List of Unclassifed Man...
MKT365 ETC2-MKT365 Datasheet
181Kb / 30P
Metallized polyester film capacitors
logo
EPCOS
B32537 EPCOS-B32537 Datasheet
308Kb / 20P
Film Capacitors Metallized Polyester Film Capacitors
B32559C EPCOS-B32559C Datasheet
425Kb / 23P
Film Capacitors Metallized Polyester Film Capacitors
B32559S EPCOS-B32559S Datasheet
327Kb / 18P
Film Capacitors Metallized Polyester Film Capacitors
B32591 EPCOS-B32591 Datasheet
533Kb / 26P
Film Capacitors Metallized Polyester Film Capacitors
B32932 EPCOS-B32932 Datasheet
295Kb / 18P
Film Capacitors Metallized Polyester Film Capacitors
logo
MERITEK ELECTRONICS COR...
DMPE MERITEK-DMPE Datasheet
122Kb / 1P
Metallized Polyester Film Capacitors
TMPE MERITEK-TMPE Datasheet
167Kb / 1P
Metallized Polyester Film Capacitors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com