Electronic Components Datasheet Search
  English  ▼

X  

TWL Datasheet(PDF) 2 Page - RUBYCON CORPORATION

Part # TWL
Description  MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

TWL Datasheet(HTML) 2 Page - RUBYCON CORPORATION

  TWL Datasheet HTML 1Page - RUBYCON CORPORATION TWL Datasheet HTML 2Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
◆DIMENSIONS
(mm)
φD
〈L≧11〉
φd
F
α
0.6
0.5
8
3.5
1.5
10
12.5
5.0
5
2.0
6.3
2.5
φD
〈L=7〉
φd
F
α
0.45
6.3
2.5
1.0
8
3.5
4
1.5
5
2.0
◆STANDARD SIZE, RATED RIPPLE CURRENT
Size φD×L(mm), Ripple Current (mA r.m.s./85℃, 120Hz)
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
TWL
6.3
(0J)
Size
Ripple
Size
Ripple
Size
Ripple
Size
Ripple
Size
Ripple
Size
Ripple
10
(1A)
16
(1C)
25
(1E)
35
(1V)
50
(1H)
0.1
0.22
0.33
0.47
1
2.2
3.3
4.7
10
22
33
10×20
490
12.5×20
680
10×12.5 300
8×11.5 190
6.3×11
140
47
100
220
330
470
1000
2200
8×7
65
6.3×11
110
6.3×7
44
5×11
60
5×7
29
5×11
41
4×7
19
5×11
35
10×20
540
12.5×20
730
10×16
420
8×11.5
250
6.3×11
145
8×7
73
6.3×11
120
6.3×7
60
5×11
95
5×7
32
5×11
55
4×7
22
5×11
35
12.5×20
900
10×16
530
10×12.5
410
8×11.5
310
8×7
110
6.3×11
185
6.3×7
62
5×11
90
6.3×7
73
5×11
120
5×7
44
5×11
70
4×7
28
5×11
40
12.5×25
1200
10×20
760
10×12.5
460
8×11.5
360
8×11.5
280
6.3×7
66
5×11
90
8×7
99
6.3×11
150
5×7
47
5×11
74
5×7
38
5×11
55
12.5×20
1050
10×16
660
8×11.5
400
8×11.5
310
8×7
133
6.3×11
220
5×7
50
5×11
79
6.3×7
87
5×11
100
5×7
42
5×11
55
4×7
34
5×11
48
10×20
600
12.5×25
1000
10×16
480
10×12.5
370
8×11.5
210
8×7
80
6.3×11
130
6.3×7
55
5×11
87
6.3×7
65
5×11
110
5×7
33
5×11
50
4×7
21
5×11
30
4×7
16
5×11
23
4×7
10
5×11
13
4×7
5.0
5×11
7.0
4×7
3.5
5×11
4.0
4×7
2.3
5×11
2.5
4×7
1.0
5×11
1.1
WV(V.DC)
Cap(μF)
L+αMAX
15MIN
4MIN
φd
φ
D+0.5MAX
SLEEVE



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com