Electronic Components Datasheet Search
  English  ▼

X  

G9218 Datasheet(PDF) 1 Page - Global Mixed-mode Technology Inc

Part # G9218
Description  1.8V 2A Low Dropout Regulator with Enable
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G9218 Datasheet(HTML) 1 Page - Global Mixed-mode Technology Inc

  G9218 Datasheet HTML 1Page - Global Mixed-mode Technology Inc G9218 Datasheet HTML 2Page - Global Mixed-mode Technology Inc G9218 Datasheet HTML 3Page - Global Mixed-mode Technology Inc G9218 Datasheet HTML 4Page - Global Mixed-mode Technology Inc G9218 Datasheet HTML 5Page - Global Mixed-mode Technology Inc G9218 Datasheet HTML 6Page - Global Mixed-mode Technology Inc G9218 Datasheet HTML 7Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Ver: 0.1 Preliminary
Apr 20, 2004
TEL: 886-3-5788833
http://www.gmt.com.tw
1
G9218
Global Mixed-mode Technology Inc.
1.8V 2A Low Dropout Regulator with Enable
Features
Dropout voltage 0.7V @ IO = 2A
Output current in excess of 2A
Output voltage accuracy ±2.5%
Quiescent current, typically 1.8mA
Internal short circuit current limit
Internal over temperature protection
TO220 4pin Full-Mold package
ON/OFF control
General Description
The G9218 positive 1.8V voltage regulator features
the ability to source 2A of output current. The dropout
voltage is 0.7V at 2A output current. The typical qui-
escent current is 1.8mA. Furthermore, the quiescent
current is smaller when the regulator is in the dropout
mode.
Familiar regulator features such as over tem-
perature and over current protection circuits are
provided to prevent it from being damaged by
abnormal operating conditions. A Ven pin is pro-
vided to disable the output when needed.
Ordering Information
PIN OPTION
ORDER NUMBER MARKING
TEMP. RANGE
PIN PACKAGE
1
2
3
4
G9218TF1T
G9218
-40°C to +85°C
TO220F-4L
VIN
VO
GND
VEN
G9218TH1T
G9218
-40°C to +85°C
TO220F-4L
VIN
VO
GND
VEN
Order Number Identification
GXXXX
XX
X
X
Packing Type
Pin Option
Package Type
Part Number
PACKAGE TYPE
PIN OPTION
PACKING
TF: TO220F-4L (short lead)
1
2
3
4
T: Tube
TH: TO220F-4L (long lead)
1.: VIN
VO
GND
VEN
Typical Application
Package Type
12
3
TO220F-4L
4
VIN VO GND VEN
Top View
V
IN
G9218
C1
4.7µF
IQ
V
OUT
I
O
C
OUT
47µF
R=5k
Ω is recommended
R must be connected for current I
ENH
restriction as V
EN > VIN+0.3V
V
EN
R=5k
Ω
I
ENH
12
3
TO220F-4L
4
VIN VO GND VEN
Top View
12
3
TO220F-4L
4
VIN VO GND VEN
Top View
V
IN
G9218
C1
4.7µF
IQ
V
OUT
I
O
C
OUT
47µF
R=5k
Ω is recommended
R must be connected for current I
ENH
restriction as V
EN > VIN+0.3V
V
EN
R=5k
Ω
I
ENH


Similar Part No. - G9218

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G921 GMT-G921 Datasheet
62Kb / 1P
Low Quiescent Current Voltage Regulator
logo
Hamamatsu Corporation
G9211 HAMAMATSU-G9211 Datasheet
133Kb / 4P
InGaAs linear image sensor
G9211 HAMAMATSU-G9211 Datasheet
459Kb / 6P
Near infrared image sensors (0.9 to 1.67 關m / 2.55 關m)
G9211-256S HAMAMATSU-G9211-256S Datasheet
133Kb / 4P
InGaAs linear image sensor
G9211-256S HAMAMATSU-G9211-256S Datasheet
132Kb / 4P
InGaAs linear image sensor
More results

Similar Description - G9218

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G962 GMT-G962 Datasheet
238Kb / 6P
2A Low Dropout Regulator with Enable
G962 GMT-G962_07 Datasheet
533Kb / 11P
2A Low Dropout Regulator with Enable
logo
Eutech Microelectronics...
EUP7966 EUTECH-EUP7966 Datasheet
396Kb / 11P
2A Low-Dropout Regulator with Enable
logo
Unisonic Technologies
LR18120 UTC-LR18120 Datasheet
346Kb / 8P
2A LOW DROPOUT REGULATOR WITH ENABLE
LR18120 UTC-LR18120_11 Datasheet
391Kb / 8P
2A LOW DROPOUT REGULATOR WITH ENABLE
logo
E-Tech Electronics LTD
LR18120 ETL-LR18120 Datasheet
380Kb / 8P
2A LOW DROPOUT REGULATOR WITH ENABLE
logo
Global Mixed-mode Techn...
G975 GMT-G975 Datasheet
154Kb / 1P
2A Low Dropout Regulator with Enable
G966 GMT-G966 Datasheet
46Kb / 1P
2A Low Dropout Regulator with Enable
G962 GMT-G962_15 Datasheet
75Kb / 1P
2A Low Dropout Regulator with Enable
logo
E-CMOS Corporation
EC8320 E-CMOS-EC8320 Datasheet
1Mb / 16P
2A Low Dropout Regulator with Enable
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com