Electronic Components Datasheet Search
  English  ▼

X  

175506 Datasheet(PDF) 67 Page - TE Connectivity Ltd

Part # 175506
Description  MULTILOCK Connector System
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

175506 Datasheet(HTML) 67 Page - TE Connectivity Ltd

Back Button 175506 Datasheet HTML 63Page - TE Connectivity Ltd 175506 Datasheet HTML 64Page - TE Connectivity Ltd 175506 Datasheet HTML 65Page - TE Connectivity Ltd 175506 Datasheet HTML 66Page - TE Connectivity Ltd 175506 Datasheet HTML 67Page - TE Connectivity Ltd 175506 Datasheet HTML 68Page - TE Connectivity Ltd 175506 Datasheet HTML 69Page - TE Connectivity Ltd 175506 Datasheet HTML 70Page - TE Connectivity Ltd 175506 Datasheet HTML 71Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 80 page
background image
Introduction
MULTILOCK Connector System
.040/.070 Series Hybrid I/O Connectors
Section Catalog 1654355-1
Issued 4-2010.
Main Catalog 1654400-1
Chapter 5 – Issued 4-2010.
All specifications subject to change. Consult TE Connectivity for latest specifications.
5-67
.040/.070 Hybrid I/O
Connectors are developed
for the Automotive ECU
I
Connectors for use with a
mixture of .040 terminals
for signal circuits and
.070 terminals for power
circuits.
I
Plug connector for wire
termination are supplied
with hinge lock or side lock.
I
High range of pin count
variants.
Cap Assemblies for
Horizontal Mount Type
I
I/O connectors for hybrid
connections of signal circuits
(.040 contacts) and power
circuits (.070 contacts).
I
Versatile variations in number
of positions are available in the
range of 26 Pos. to 76 Pos.
I
Housings prevent contacts
from being deformed by
rocking at mating and
unmating (anti-Kojiri action).
I
Contacts are available with
pre-tinned versions and gold
plated versions.
Plug Housings with
the Hinge Double-Lock
I
The double-lock mechanism
using the hinge lock prevents
incomplete insertions of
contacts.
I
The plug housing features a
housing lance design which
eliminate the possibility of
contacts being tangled with one
another or deformed lance.
I
The receptacle contacts (.040
and .070) to be used on plug
housings have a box shaped
design so that contacting
area are protected and highly
resistant to damage from
outside.
Product Specification:
108-5280
Application Specifications:
114-5111 (.040)
114-5133 (.040)
114-5091 (.070)
114-5134 (.070)
Instruction Sheet:
412-5476
Plug Housings Mark II
with the Side Double-Lock
I
The double-lock mechanism
using the side lock prevents
incomplete insertions of
contacts.
I
The plug housing features a
housing lance design which
eliminate the possibility of
contacts being tangled with one
another or deformed lance.
I
The receptacle contacts
(.040 and .070) to be used on
plug housings have a leaf at
the contacting area protected
by the box shaped design
which makes a highly reliable
contact at low insertion force.
I
The plugs cannot mate with
caps in case the double-lock
is not applied.
Product Specification:
108-5342
Application Specifications:
114-5159 (.040 II)
114-5160 (.070 II)
Instruction Sheet:
412-5631
Available Positions
26, 34, 38, 42, 48, 54, 64, 76



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com