Electronic Components Datasheet Search
  English  ▼

X  

VXR Datasheet(PDF) 1 Page - RUBYCON CORPORATION

Part # VXR
Description  LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

VXR Datasheet(HTML) 1 Page - RUBYCON CORPORATION

  VXR Datasheet HTML 1Page - RUBYCON CORPORATION VXR Datasheet HTML 2Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
VXR
SERIES
VXR
◆SPECIFICATIONS
Category Temperature Range
Rated Voltage Range
Capacitance Tolerance
Leakage Current(MAX)
Dissipation Factor(MAX)
(tanδ)
Endurance
Impedance Ratio(MAX)
Items
Characteristics
−25∼+105℃
160∼450WV
±20%(20℃,120Hz)
I
=Leakage Current(μA)     V=Rated Voltage(V)     C=Rated Capacitance(μF)
Rated Voltage
(V)
Z(−25℃)/Z(20℃)
160∼250WV
3
315∼450WV
8
Leakage Current
Dissipation Factor
Capacitance Change
Within ±20% of the initial value.
Not more than 200% of the specified value.
Not more than the specified value.
105℃ 7000 hours, Snap-in Terminal Type.
◆FEATURES
• Load Life : 105℃ 7000hours.
• RoHS compliance.
(20℃,120Hz)
(120Hz)
After applying rated voltage with rated ripple current for 7000hrs at 105℃, the capacitors shall meet the following requirements.
I
=3 CV
(After 5 minutes application of rated voltage)
160∼250WV
0.15
0.20
315∼450WV
◆PART NUMBER
□□□
Rated Voltage
VXR
Series
SN
Terminal Code
OOE
Option
D×L
Case Size
□□□□□
Rated Capacitance
□
Capacitance Tolerance
Rated Voltage
tanδ
◆Option
Blank
OOE
Code
without plate
with plate
◆DIMENSIONS
(mm)
MOUNTING HOLES
10±0.1
φD±1
2-φ2
10
φD±1
NEGATIVE
※
4±0.5
L±2
SLEEVE
VENT
※For φ35, 3.5±0.5
●SN[4(3.5)mm]terminal type
(Hz)
Frequency
Coefficient
60
(50)120
500
1k 10k≦
0.80 1.00 1.20 1.30 1.50
0.80 1.00 1.20 1.25 1.40
 Frequency coefficient
160∼250WV
315∼450WV
◆MULTIPLIER FOR RIPPLE CURRENT


Similar Part No. - VXR

ManufacturerPart #DatasheetDescription
logo
VPT, Inc.
VXR100-2800D VPT-VXR100-2800D Datasheet
1Mb / 11P
HIGH RELIABILITY COTS DC-DC CONVERTERS
VXR100-2800S VPT-VXR100-2800S Datasheet
2Mb / 13P
HIGH RELIABILITY COTS DC-DC CONVERTERS
VXR100-280505D VPT-VXR100-280505D Datasheet
1Mb / 11P
HIGH RELIABILITY COTS DC-DC CONVERTERS
VXR100-280512D VPT-VXR100-280512D Datasheet
1Mb / 11P
HIGH RELIABILITY COTS DC-DC CONVERTERS
VXR100-280515D VPT-VXR100-280515D Datasheet
1Mb / 11P
HIGH RELIABILITY COTS DC-DC CONVERTERS
More results

Similar Description - VXR

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
LSQ RUBYCON-LSQ Datasheet
64Kb / 2P
LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
MXC RUBYCON-MXC Datasheet
79Kb / 4P
LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
SXC RUBYCON-SXC Datasheet
55Kb / 2P
LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
USC RUBYCON-USC Datasheet
71Kb / 4P
LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
USR RUBYCON-USR Datasheet
1Mb / 4P
LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
KXF RUBYCON-KXF Datasheet
257Kb / 2P
LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
LSU RUBYCON-LSU Datasheet
175Kb / 2P
LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
MXH RUBYCON-MXH Datasheet
210Kb / 2P
LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
USH RUBYCON-USH Datasheet
205Kb / 2P
LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
AXF_SERIES RUBYCON-AXF_SERIES Datasheet
91Kb / 2P
LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com