Electronic Components Datasheet Search
  English  ▼

X  

HSH1205D Datasheet(PDF) 3 Page - Interpoint Corporation Company

Part # HSH1205D
Description  DC/DC CONVERTERS 12 VOLT INPUT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

HSH1205D Datasheet(HTML) 3 Page - Interpoint Corporation Company

  HSH1205D Datasheet HTML 1Page - Interpoint Corporation Company HSH1205D Datasheet HTML 2Page - Interpoint Corporation Company HSH1205D Datasheet HTML 3Page - Interpoint Corporation Company HSH1205D Datasheet HTML 4Page - Interpoint Corporation Company  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
®
HSH
12 05 D / ES
Base Model
Input Voltage
Output Voltage
Screening Level
Number of Outputs
(S = single, D = dual)
PIN OUT
DC/DC CONVERTERS
Pin
Dual Output
1
Positive Input
2
Input Common
3
Positive Output
4
Output Common
5
Case Ground
6
Negative Output
7
Inhibit
MODEL NUMBERING KEY
FIGURE 1: PIN OUT
Squared corner and dot on
top of cover indicate pin one.
14
75
23
6
CASE A
BOTTOM VIEW
See Figure 3
for pin configurations.
Dot on top of case
indicates pin one.
0.980 max
(24.89)
0.805 max
(20.45)
Materials
Header
Kovar/Nickel/Gold
(Case A3, Kovar/Nickel)
Cover
Kovar/Nickel
Pins
Kovar/Nickel/Gold,
matched glass seal
Case dimensions in inches (mm)
Tolerance
±0.005 (0.13) for three decimal places
±0.01 (0.3) for two decimal places
unless otherwise specified
CAUTION
Heat from reflow or wave soldering may damage
the device. Solder pins individually with heat
application not exceeding 300
°C for 10 seconds
per pin.
FIGURE 2: CASE AMAXIMUM DIMENSIONS
0.000
0.097
(2.46)
0.697
(17.70
14
75
23
6
HSH Series: Screening – Standard or ES
BOTTOM VIEW CASE A2
Projection Weld
Squared corner and dot on
top of case indicate pin one.
0.018
± 0.002 dia.
(0.46
± 0.05)
FIGURE 3: CASE A2
Note: Although every effort has been made to render the case
drawings at actual size, variations in the printing process may
cause some distortion. Please refer to the numerical dimensions
for accuracy.
HSH SERIES
1.5 WATT
Bottom view



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com