Electronic Components Datasheet Search
  English  ▼

X  

LTM8052 Datasheet(PDF) 2 Page - Analog Devices

Part # LTM8052
Description  Source/Sink Dual ±25A or Single ±50A μModule Regulator with Input Overvoltage Protection
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM8052 Datasheet(HTML) 2 Page - Analog Devices

  LTM8052 Datasheet HTML 1Page - Analog Devices LTM8052 Datasheet HTML 2Page - Analog Devices LTM8052 Datasheet HTML 3Page - Analog Devices LTM8052 Datasheet HTML 4Page - Analog Devices LTM8052 Datasheet HTML 5Page - Analog Devices LTM8052 Datasheet HTML 6Page - Analog Devices LTM8052 Datasheet HTML 7Page - Analog Devices LTM8052 Datasheet HTML 8Page - Analog Devices LTM8052 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 38 page
background image
LTM4652
2
Rev. 0
For more information www.analog.com
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
VIN ............................................................. –0.3V to 20V
PGOOD1, PGOOD2, RUN1, RUN2,
INTVCC, EXTVCC........................................... –0.3V to 6V
MODE_PLLIN, fSET, TRACK1, TRACK2,
DIFFOUT, PHASMD ...............................–0.3V to INTVCC
VOUT1, VOUT2, VOUTS1, VOUTS2 (Note 5)........ –0.3V to 8V
DIFFP, DIFFN, VINOVP...........................–0.3V to INTVCC
COMP1, COMP2, VFB1, VFB2 (Note 5)........ –0.3V to 2.7V
INTVCC Peak Output Current..................................50mA
Internal Operating Temperature Range
(Note 2).................................................. –40°C to 125°C
Storage Temperature Range .................. –55°C to 125°C
Peak Package Body Temperature.......................... 245°C
(Note 1)
ORDER INFORMATION
1
2
3
4
5
6
7
8
9
10
11
12
A
B
C
D
E
F
G
H
J
K
L
M
TOP VIEW
GND
BGA PACKAGE
144-LEAD (16mm × 16mm × 4.92mm)
TJMAX = 125°C, θJA = 7°C/W, θJCtop = 5.8°C/W, θJCbot = 1.7°C/W, WEIGHT = 3.8 GRAMS
GND
SW1
INTVCC
VIN
TEMP+ EXTVCC
TEMP–
VINOVP
VIN
VIN
CLKOUT
PHASMD
PGOOD1
PGOOD2
RUN2
DIFFP
DIFFOUT
DIFFN
RUN1
TRACK1
MODE_
PLLIN
COMP1 COMP2
SGND
SW2
TRACK2
VOUTS2
VFB1
VOUTS1
fSET
SGND
SGND
VFB2
GND
VOUT2
GND
VOUT1
NOTES: 1) θ VALUES ARE DETERMINED BY SIMULATION PER JESD51 CONDITIONS.
2) θJA VALUE IS OBTAINED WITH DEMO BOARD.
3) REFER TO APPLICATION INFORMATION SECTION FOR LAB MEASUREMENT
AND DERATING INFORMATION.
PART NUMBER
PAD OR BALL FINISH
PART MARKING*
PACKAGE TYPE
MSL RATING
TEMPERATURE 
RANGE (NOTE 2)
DEVICE
FINISH CODE
LTM4652EY#PBF
SAC305 (RoHS)
LTM4652Y
e1
BGA
4
–40°C to 125°C
LTM4652IY#PBF
• Contact the factory for parts specified with wider operating temperature ranges.
*Device temperature grade is indicated by a label on the shipping container.
Pad or ball finish code is per IPC/JEDEC J-STD-609.
• Recommended LGA and BGA PCB Assembly and
Manufacturing Procedures
• LGA and BGA Package and Tray Drawings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com