Electronic Components Datasheet Search
  English  ▼

X  

LTC9102 Datasheet(PDF) 2 Page - Analog Devices

Part # LTC9102
Description  8/16-Port IEEE 802.3at PoE PSE Controller with Power Management and LED Control
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC9102 Datasheet(HTML) 2 Page - Analog Devices

  LTC9102 Datasheet HTML 1Page - Analog Devices LTC9102 Datasheet HTML 2Page - Analog Devices LTC9102 Datasheet HTML 3Page - Analog Devices LTC9102 Datasheet HTML 4Page - Analog Devices LTC9102 Datasheet HTML 5Page - Analog Devices LTC9102 Datasheet HTML 6Page - Analog Devices LTC9102 Datasheet HTML 7Page - Analog Devices LTC9102 Datasheet HTML 8Page - Analog Devices LTC9102 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
LTC9101-3/LTC9103
2
Rev. 0
For more information www.analog.com
ABSOLUTE MAXIMUM RATINGS
LTC9103
Supply Voltages (with respect to VEE)
AGND..................................................... –0.3V to 80V
PWRIN................................................... –0.3V to 80V
CAP3, CAP4............................................. –0.3V to 5V
VSSKn .................................................. –0.3V to 0.3V
Analog Pins
SENSEn, OUTn........................................ –20V to 80V
GATEn, IDn, PWRMDn........................... –0.3V to 80V
CPA, CNA, DPA, DNA................–0.3V to CAP3 + 0.3V
EXT3...................................................... –0.3V to 30V
Operating Ambient Temperature ..............–40°C to 85°C
Operating Junction Temperature (Note 2)...–40°C to 125°C
Storage Temperature.............................. –65°C to 150°C
LTC9101-3
Supply Voltages (with respect to DGND)
VDD ....................................................... –0.3V to 3.6V
CAP1, CAP2.........................................–0.3V to 1.32V
Digital Pins
LEGACY, OVR, CFGn, SDAIN, SDAOUT, SCL,
RESET, SC, SD, PC.......................... –0.3V to VDD + 0.3V
Analog Pins
CPD, CND, DPD, DND ................. –0.3V to VDD + 0.3V
Operating Ambient Temperature ..............–40°C to 85°C
Operating Junction Temperature (Note 2)...–40°C to 125°C
Storage Temperature.............................. –65°C to 150°C
(Notes 1, 4)
(Note 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com