Electronic Components Datasheet Search
  English  ▼

X  

LT8301 Datasheet(PDF) 11 Page - Analog Devices

Part # LT8301
Description  Industrial SPoE PD Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8301 Datasheet(HTML) 11 Page - Analog Devices

Back Button LT8301 Datasheet HTML 7Page - Analog Devices LT8301 Datasheet HTML 8Page - Analog Devices LT8301 Datasheet HTML 9Page - Analog Devices LT8301 Datasheet HTML 10Page - Analog Devices LT8301 Datasheet HTML 11Page - Analog Devices LT8301 Datasheet HTML 12Page - Analog Devices LT8301 Datasheet HTML 13Page - Analog Devices LT8301 Datasheet HTML 14Page - Analog Devices LT8301 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
LTC9111
11
Rev. 0
For more information www.analog.com
CLASS CONFIGURATION
The LTC9111 uses the CLASSC ternary pin and the
CLASSV binary pin to configure the Power Class. The
class configuration setting determines the VON and VOFF
thresholds for state machine navigation and is reported to
the PSE during classification. The CLASSC and CLASSV
pin configurations corresponding to each class are shown
in Table 2.
Table 2. LTC9111 Class Configuration
PD CLASS
CLASSV
CLASSC
10
GND
GND
11
GND
FLOAT
12
GND
STBY
13
STBY
GND
14
STBY
FLOAT
15
STBY
STBY
SCCP INITIALIZATION
Every SCCP bit communication begins with a reset pulse,
issued by the PSE, followed by a presence pulse response
from the PD (see Figure 4). The PSE begins the reset pulse
by pulling the port voltage below VTL for time tRSTL and
then pulling up to VPUP. The PD detects the reset pulse
and waits for time tPDH before pulling down for time tPDL.
This is called the PD presence pulse. The PSE samples to
identify a presence pulse at time tMSP starting from the end
of reset pulse. Once the PSE has confirmed the presence of
the PD, it continues with either a write or a read operation.
SCCP WRITE SLOT
The PSE begins a write operation by pulling down the
port voltage to VTL (see Figure 5). When writing a 0, the
PSE pulls down for time tW0L. When writing a 1, the PSE
pulls down for time tW1L. The PD detects the falling edge
and samples the port voltage after tSSW to determine the
bit polarity.
SCCP READ SLOT
The PSE begins a read operation by pulling below VTL
for tW1L (see Figure 6). If sending a 0 to the PSE, the PD
detects the pull-down by the PSE and pulls down imme-
diately for tR0L. If sending a 1 to the PSE, the PD does not
pull-down the port and allows the PSE to pull-up after tW1L.
The PSE samples the port voltage after tMSR, measured
from from PSE pull-down, in order to determine the bit.
PACKET SUPPORT
TheLTC9111supportsandrespondstotheSCRATCHPAD_
READ command from the PSE; this includes the PD Class
(as configured with the CLASSC and CLASSV pins) and
the PD Type (E).
MAINTAIN FULL VOLTAGE SIGNATURE (MFVS)
While a port is powered on, a compliant PSE monitors the
port for the presence of a minimum load, called MFVS. If
MFVS is not detected, PSE will remove the power to the
PD. Specifically, a powered PD must draw a minimum of
11mA, for at least 10ms, every 300ms in order to stay
powered on. The LTC9111 has a low operating current
and will not meet the criteria for MFVS on its own. For
PD applications in which the quiescent load may be less
than the MFVS threshold, an appropriate minimum load
may need to be added e.g., on the OUT pin.
A compliant PSE may recognize currents as low as
2.5mA as a valid MFVS. Thus, for the PD application
to ensure removal of power (e.g., because it has been
locally disabled), the PD must reduce its quiescent current
below 2.5mA.
EXTERNAL COMPONENT SELECTION
STBY Bias Supply
An internal linear regulator produces a nominal 3.5V sup-
ply at the STBY pin. It is used to power internal control
circuitry. Bypass the STBY pin with a capacitance of 2.2µF
placed near the pin. In case of a ceramic chip capacitor,
the effective capacitance with a bias of 3.5V should be >
1.8µF. An 0805 or larger capacitor is recommended.
OPERATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com