Electronic Components Datasheet Search
  English  ▼

X  

LT8303 Datasheet(PDF) 13 Page - Analog Devices

Part # LT8303
Description  Industrial SPoE PD Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8303 Datasheet(HTML) 13 Page - Analog Devices

Back Button LT8303 Datasheet HTML 9Page - Analog Devices LT8303 Datasheet HTML 10Page - Analog Devices LT8303 Datasheet HTML 11Page - Analog Devices LT8303 Datasheet HTML 12Page - Analog Devices LT8303 Datasheet HTML 13Page - Analog Devices LT8303 Datasheet HTML 14Page - Analog Devices LT8303 Datasheet HTML 15Page - Analog Devices LT8303 Datasheet HTML 16Page - Analog Devices LT8303 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
LTC9111
13
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
Note that, during classification, the STBY pin capacitor
serves as a charge reservoir to keep the chip operational
when either the PSE or PD are pulling the port voltage
low to signal a logical zero. Any external load on the STBY
pin during classification may discharge the capacitor and
cause brownout. There should be no external load on the
STBY pin during classification.
External MOSFET Switch and Inrush Control
The GATE and OUT pins allow the LTC9111 to drive an
external MOSFET (M1, Figure 7) as an inrush controller
and load switch. An internal charge pump allows the GATE
pin to be driven above the input voltage to enhance an
external N-channel MOSFET. The gate driver turns on the
external MOSFET upon entering the MDI_POWER2 state
by sourcing IGATE_UP into the GATE pin. A capacitor CGATE,
installed between the GATE pin and the GND pin, will pro-
duce a linear ramp at OUT and determine the inrush current
based on the total bulk capacitance CBULK. Use Equation
1 to ensure that the inrush current does not exceed the
maximum PD current for the corresponding class.
CGATE >> 2 • CBULK • (IGATEUP MAX/ICLASS MAX) (1)
M1
CGATE
CBULK
RGATE
LTC9111
GATE
IN
GND
OUT
9111 F07
Figure 7. Inrush Control
During inrush, there can be significant transient power
dissipation in the external MOSFET; SOA capability must
be considered in selecting the pass device.
Any load present at the OUT pin before inrush is com-
plete will also contribute to the total PD current observed
at the connector; this may necessitate slower inrush (i.e.,
larger CGATE). The EN logic output can be used to ensure
that application load does not contribute to the PD current
until the external MOSFET switch is enhanced and inrush is
complete. The EN pin does not go high until GATE exceeds
IN by VEN_ASSERT, at which point inrush is complete.
A resistor, RGATE, in series with CGATE is recommended for
robustness. As an example, a fault which shorts the OUT
pin to ground instantaneously while power is applied will
pull the source of the external MOSFET to ground while
CGATE maintains high voltage at the GATE pin, causing
stress on the gate of the external MOSFET. A resistor value
of RGATE = 10k will effectively decouple the gate of the
MOSFET from the capacitor in such a scenario.
When the external MOSFET switch M1 is turned off
(because the PD exited the MDI_POWER2 state), the
GATE pin is pulled to the OUT pin with a pull-down cur-
rent of IOUT_SLEEP. Once the MOSFET has been turned
off (i.e., GATE = OUT) there is an internal pull-down trickle
current, IOUT_SLEEP, on the OUT pin which helps ensure
that the GATE and OUT pins settle to ground.
PD INPUT CAPACITANCE/SNUBBER NETWORK
The LTC9111 requires a bypass capacitance between the
IN pin and ground. In order to avoid forming a highly
resonant LC tank with the coupling magnetics, a snub-
ber network should be used as shown in Figure 8. LPODL
is the equivalent differential inductance of the power
coupling network.
R1
C1
C2
LPODL
LTC9111
9111 F08
C1≅3•C2
R1≅
LPODL
C1+C2
Figure 8. Snubber Network
IEEE 802.3cg specifies a maximum PD input capacitance
of 400nF during classification. This ensures sufficient
bandwidth for SCCP. Note that the PHY coupling capaci-
tors and any additional snubber network on the cable side
are also included in this budget.
A well damped snubber network with a total capacitance
(C1 + C2) of at least 150nF will generally suffice. The
voltage coefficient of the capacitor and operating voltage
should be taken into consideration, as small package
ceramic capacitors will generally provide only a fraction of



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com