Electronic Components Datasheet Search
  English  ▼

X  

LT8619 Datasheet(PDF) 2 Page - Analog Devices

Part # LT8619
Description  Industrial SPoE PD Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8619 Datasheet(HTML) 2 Page - Analog Devices

  LT8619 Datasheet HTML 1Page - Analog Devices LT8619 Datasheet HTML 2Page - Analog Devices LT8619 Datasheet HTML 3Page - Analog Devices LT8619 Datasheet HTML 4Page - Analog Devices LT8619 Datasheet HTML 5Page - Analog Devices LT8619 Datasheet HTML 6Page - Analog Devices LT8619 Datasheet HTML 7Page - Analog Devices LT8619 Datasheet HTML 8Page - Analog Devices LT8619 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
LTC9111
2
Rev. 0
For more information www.analog.com
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
Supply Voltage
IN.............................................................–2V to 100V
Input Voltages
SNS1, SNS2 ........................................... –5V to 100V
CLASSC, CLASSV, SCCP ..................... –0.3V to 5.5V
Output Voltages
LGATE1, LGATE2 ..................................... –0.3V to 8V
OUT .........................................................–2V to 100V
GATE to OUT.......................................... –0.3V to 10V
(Notes 1, 2, 3, 4)
ORDER INFORMATION
Output Voltages
GATE.................................................... –0.3V to 100V
EN......................................................... –0.3V to 5.5V
STBY..................................................... –0.3V to 5.5V
Operating Junction Temperature Range
LTC9111R........................................... –40°C to 150°C
Storage Temperature Range .................. –65°C to 150°C
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC9111RDE#PBF
LTC9111RDE#TRPBF
9111
12-Pin (4mm × 3mm) Plastic DFN
–40°C to 150°C
LTC9111RMSE#PBF
LTC9111RMSE#TRPBF
9111
12-Pin Plastic MSOP with Exposed Pad
–40°C to 150°C
Contact the factory for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Tape and reel specifications. Some packages are available in 500 unit reels through designated sales channels with #TRMPBF suffix.
12
11
10
9
8
7
13
GND
1
2
3
4
5
6
GATE
OUT
CLASSC
LGATE1
LGATE2
SCCP
SNS1
SNS2
IN
STBY
CLASSV
EN
TOP VIEW
DE/EU PACKAGE
12-PIN (4mm × 3mm) PLASTIC DFN
θJA = 40°C/W
EXPOSED PAD (PIN 13) IS GND, MUST BE SOLDERED TO PCB
1
2
3
4
5
6
SNS1
SNS2
IN
STBY
CLASSV
EN
12
11
10
9
8
7
GATE
OUT
CLASSC
LGATE1
LGATE2
SCCP
TOP VIEW
MSE PACKAGE
12-PIN (4mm × 3mm) PLASTIC MSOP
θJA = 40°C/W
EXPOSED PAD (PIN 13) IS GND, MUST BE SOLDERED TO PCB
13
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com