Electronic Components Datasheet Search
  English  ▼

X  

MHP27005S Datasheet(PDF) 3 Page - Interpoint Corporation Company

Part # MHP27005S
Description  DC/DC CONVERTERS 270 VOLT INPUT
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

MHP27005S Datasheet(HTML) 3 Page - Interpoint Corporation Company

  MHP27005S Datasheet HTML 1Page - Interpoint Corporation Company MHP27005S Datasheet HTML 2Page - Interpoint Corporation Company MHP27005S Datasheet HTML 3Page - Interpoint Corporation Company MHP27005S Datasheet HTML 4Page - Interpoint Corporation Company MHP27005S Datasheet HTML 5Page - Interpoint Corporation Company MHP27005S Datasheet HTML 6Page - Interpoint Corporation Company MHP27005S Datasheet HTML 7Page - Interpoint Corporation Company  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
MHP270 SERIES
65 WATT
DC/DC CONVERTERS
Electrical Characteristics: 25°C Tc, 270 VDC Vin, 100% load, free run, unless otherwise specified.
DUAL OUTPUT MODELS1
MHP27005D
MHP27012D
MHP27015D
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
OUTPUT VOLTAGE
+VOUT 4.95
5.00
5.05
11.88 12.00 12.12
14.85 15.00 15.15
VDC
–VOUT 4.95
5.00
5.05
11.88 12.00 12.12
14.85 15.00 15.15
OUTPUT CURRENT2
VIN = 160 TO 400 VDC
0
±5
8.0
0
±2.5
4.0
0
±2.16
3.46
A
OUTPUT POWER2
VIN = 160 TO 400 VDC
0
—
50
0
—
60
0
—
65
W
OUTPUT RIPPLE
10 kHz - 2 MHz
VOLTAGE
± VOUT —
50
100
—
50
125
—
50
125
mV p-p
LINE REGULATION
VIN = 160 TO 400 VDC
±VOUT —
—
100
—
—
120
—
—
150
mV
LOAD REGULATION3
NO LOAD TO FULL
±VOUT —
—
100
—
—
120
—
—
150
mV
CROSS REGULATION4
EFFECT ON –VOUT
—
—
1000
—
—
800
—
—
750
mV
INPUT VOLTAGE
CONTINUOUS
160
270
400
160
270
400
160
270
400
VDC
TRANSIENT5 50 ms
0
—
450
0
—
450
0
—
450
V
INPUT CURRENT
NO LOAD
—
—
20
—
—
20
—
—
20
mA
INHIBITED - INH1
—
—
10
—
—
10
—
—
8
mA
INHIBITED - INH2
—
—
15
—
—
15
—
—
15
INPUT RIPPLE
CURRENT
10 kHz - 10 MHz
—
—
45
—
—
45
—
—
45
mA p-p
EFFICIENCY
BALANCED LOAD
74
—
—
81
—
—
82
—
—
%
LOAD FAULT6
POWER DISSIPATION
SHORT CIRCUIT
—
—
8
—
—
7.5
—
—
19
W
VOUT
—
—
±2.0
—
—
±1.0
—
—
±1.5
V
STEP LOAD
50 %–100% LOAD7
RESPONSE ± VOUT
TRANSIENT
—
—
300
—
—
900
—
—
900
mV pk
RECOVERY8
—
—
500
—
—
500
—
—
500
µs
Notes
1. Share operation not characterized for dual outputs.
2. Up to 80% of the total output power (current) is available from either output
providing the opposite output is carrying 20% of the power (current) in use.
3. Assumes balanced loads on the outputs.
4. Effect on the negative output from 50%/50% loads to 70%/30% or 70%/30%
loads.
5. Unit will shut down above approximately 425V but will be undamaged
and will restart when voltage drops into normal range.
6. Indefinite short circuit protection not guaranteed above 125°C case.
7. Second output at 50%
8. Recovery time is measured from application of the transient to point at
which Vout is within 1% of final value.
RL
1
2
3
4
5
6
REMOTE SENSE CONNECTION
12
11
10
9
8
7
–
+
270 V
–
+
Inhibit
Sync In
Positive Input
Input Common
INH2
INH1
Sync Out
Sync In
Share
N/C
Pos. Sense
Sense Return
Output Common
Positive Output
FIGURE 1: SENSE CONNECTIONS
SINGLE OUTPUT MODELS CONNECTION DIAGRAM - SENSE
3



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com