Electronic Components Datasheet Search
  English  ▼

X  

MOR286R3DY/883 Datasheet(PDF) 15 Page - Interpoint Corporation Company

Part # MOR286R3DY/883
Description  DC/DC CONVERTERS 28 VOLT INPUT
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

MOR286R3DY/883 Datasheet(HTML) 15 Page - Interpoint Corporation Company

Back Button MOR286R3DY/883 Datasheet HTML 8Page - Interpoint Corporation Company MOR286R3DY/883 Datasheet HTML 9Page - Interpoint Corporation Company MOR286R3DY/883 Datasheet HTML 10Page - Interpoint Corporation Company MOR286R3DY/883 Datasheet HTML 11Page - Interpoint Corporation Company MOR286R3DY/883 Datasheet HTML 12Page - Interpoint Corporation Company MOR286R3DY/883 Datasheet HTML 13Page - Interpoint Corporation Company MOR286R3DY/883 Datasheet HTML 14Page - Interpoint Corporation Company MOR286R3DY/883 Datasheet HTML 15Page - Interpoint Corporation Company MOR286R3DY/883 Datasheet HTML 16Page - Interpoint Corporation Company  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
15
MOR SERIES
120 WATT
DC/DC CONVERTERS
0.250 (6.35) Typ.
0.125
(3.18)
0.375
(9.53)
0.575
(14.61)
0.775
(19.69)
0.975
(24.77)
1.175
(29.85
1.375
(34.93)
1.625
(41.28)
0.140 dia
(3.56)
0.000
0.250 (6.35)
Typ.
1.750 (44.45)
2.000
(50.80)
PIN-SIDE VIEW CASE Z*
(Tabbed case, down-leaded)
*Requires case option designator added to model number: MOR2805SZ
0.000
0.220 (5.59)
0.400 (10.16) max.
0.36
±0.05
(9.1
±0.13)
0.150 (3.81)
Lead Detail
2.80 (71.1) Reference
(lead center to lead center)
0.040 dia
(1.02)
1
2
3
4
5
6
12
11
10
9
8
7
Materials
Header Cold Rolled Steel/Nickel/Gold
Cover
Kovar/Nickel
Pins
#52 alloy/Gold
compression glass seal
Case dimensions in inches (mm)
Tolerance
±0.005 (0.13) for three decimal places
±0.01 (0.2) for two decimal places
unless otherwise specified
CAUTION
Heat from reflow or wave soldering may damage
the device. Solder pins individually with heat
application not exceeding 300
°C for 10 seconds
per pin.
FIGURE 59



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16