| Electronic Components Datasheet Search |
|
MOR289R5DY/883 Datasheet(PDF) 13 Page - Interpoint Corporation Company |
|
|
|||||||||||||||||||||||||||||
MOR289R5DY/883 Datasheet(HTML) 13 Page - Interpoint Corporation Company |
|
13 / 16 page ![]() 13 MOR SERIES 120 WATT DC/DC CONVERTERS 1 2 3 4 5 6 12 11 10 9 8 7 0.040 dia (1.02) 0.250 (6.35) Typ. 0.125 (3.18) 0.375 (9.53) 0.575 (14.61) 0.775 (19.69) 0.975 (24.77) 1.175 (29.85 1.375 (34.93) 1.625 (41.28) 0.140 dia (3.56) 0.000 0.250 (6.35) Typ. 1.750 (44.45) 2.000 (50.80) PIN-SIDE VIEW CASE W* (Tabbed case, up-leaded) 0.000 0.220 (5.59) 0.400 (10.16) max. 0.84 ±0.05 (21.3 ±1.3) 0.150 (3.81) Lead Detail 2.80 (71.1) Reference (lead center to lead center) *Requires case option designator added to model number: MOR2805SW Materials Header Cold Rolled Steel/Nickel/Gold Cover Kovar/Nickel Pins #52 alloy/Gold compression glass seal Case dimensions in inches (mm) Tolerance ±0.005 (0.13) for three decimal places ±0.01 (0.2) for two decimal places unless otherwise specified CAUTION Heat from reflow or wave soldering may damage the device. Solder pins individually with heat application not exceeding 300 °C for 10 seconds per pin. FIGURE 57 |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |