Electronic Components Datasheet Search
  English  ▼

X  

ACS150 Datasheet(PDF) 11 Page - ABB

Part # ACS150
Description  G et the best out of your basic applications. ACS150 drives.
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

ACS150 Datasheet(HTML) 11 Page - ABB

Back Button ACS150 Datasheet HTML 7Page - ABB ACS150 Datasheet HTML 8Page - ABB ACS150 Datasheet HTML 9Page - ABB ACS150 Datasheet HTML 10Page - ABB ACS150 Datasheet HTML 11Page - ABB ACS150 Datasheet HTML 12Page - ABB ACS150 Datasheet HTML 13Page - ABB ACS150 Datasheet HTML 14Page - ABB ACS150 Datasheet HTML 15Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
—
Options
FlashDrop tool
FlashDrop is a powerful palm sized tool
for fast and easy parameter selecting
and setting. It gives the possibility to
hide selected parameters to protect the
machine. Only the parameters needed
in the application are shown. The tool
can copy parameters between two
drives or between a PC and a drive. All
the above can be done without a power
connection to the drive – in fact, it is
not even necessary to unpack the drive.
DrivePM
DrivePM (Drive parameter manager) is a
tool to create, edit and copy parameter
sets for FlashDrop. For each parameter/
group the user has a possibility to hide
it, which means that the drive user does
not see the parameter/group at all.
DrivePM requirements
• Windows 2000/XP/Vista/Windows 7
• Free serial port from a PC
FlashDrop package includes
• FlashDrop tool
• DrivePM software on a CD-rom
• User’s manual in pdf-format on the
previous CD-rom
• Cable for connection between the PC
and FlashDrop
• Battery charger
Protection class NEMA 1
The NEMA 1 kit includes a connection
box for finger protection, conduit tube
installation, and a hood for protection
against dirt and dust.
Brake resistors
ACS150 is delivered with an integrated
brake chopper as standard. The brake
resistor is selected using the table
below. For more information about the
selection of brake resistors, see the
ACS150 user’s manual.
—
Brake chopper limits and resistor selection table
Type
designation
Rmin
PBRmax
Selection table by
resistor type
CBR-V
ACS150-
[ohm]
[kW]
[hp]
160
210
460
Braking
time 1)
[s]
1-phas, 200 to 240 V
01X-02A4-2
70
0.37
0.5
90
01X-04A7-2
40
0.75
1
45
01X-06A7-2
40
1.1
1.5
28
01X-07A5-2
30
1.5
2
19
01X-09A8-2
30
2.2
3
14
3-phase, 200 to 240 V
03X-02A4-2
70
0.37
0.5
90
03X-03A5-2
70
0.55
0.75
60
03X-04A7-2
40
0.75
1
42
03X-06A7-2
40
1.1
1.5
29
03X-07A5-2
30
1.5
2
19
03X-09A8-2
30
2.2
3
14
3-phase, 380 to 480 V
03X-01A2-4
200
0.37
0.5
90
03X-01A9-4
175
0.55
0.75
90
03X-02A4-4
165
0.75
1
60
03X-03A3-4
150
1.1
1.5
37
03X-04A1-4
130
1.5
2
27
03X-05A6-4
100
2.2
3
17
03X-07A3-4
70
3
4
29
03X-08A8-4
70
4
5
20
X within the type code stands for E or U.
1)
Braking time = Maximum allowed braking time in seconds
at PBRmax every 120 seconds, at 40 °C ambient temperature
Ratings by resistor type
CBR-V 160
CBR-V 210
CBR-V 460
Nominal power [W]
280
360
790
Resistance [ohm]
70
200
80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com