Electronic Components Datasheet Search
  English  ▼

X  

DW2002 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # DW2002
Description  CONTENTS
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DW2002 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button DW2002 Datasheet HTML 2Page - List of Unclassifed Manufacturers DW2002 Datasheet HTML 3Page - List of Unclassifed Manufacturers DW2002 Datasheet HTML 4Page - List of Unclassifed Manufacturers DW2002 Datasheet HTML 5Page - List of Unclassifed Manufacturers DW2002 Datasheet HTML 6Page - List of Unclassifed Manufacturers DW2002 Datasheet HTML 7Page - List of Unclassifed Manufacturers DW2002 Datasheet HTML 8Page - List of Unclassifed Manufacturers DW2002 Datasheet HTML 9Page - List of Unclassifed Manufacturers DW2002 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
HEAVY-DUTY ACCESSORIES
26
IMPACT READY™ ADAPTERS
AND NUTSETTERS
CAT #
DESCRIPTION
Adapters/Reducers
DW2298
1/2" Square Female to 1/4" Hex Rapid Load
DW2299
1/2" to 3/8" Reducer
DW2542IR
1/4" Hex Shank to 3/8" Socket Adapter
DW2547IR
1/4" Hex Shank to 1/2" Socket Adapter
DW2541IR
1/4" Hex Shank to 1/4" Socket Adapter
Nutsetters
DW2218IR
1/4" x 1-7/8" Magnetic Nutdriver
DW2221IR
1/4" x 2-9/16" Magnetic Nutdriver
CAT #
DESCRIPTION
Nutsetters (Continued)
DW2219IR
5/16" x 1-7/8" Magnetic Nutdriver
DW2222IR
5/16" x 2-9/16" Magnetic Nutdriver
DW2220IR
3/8" x 1-7/8" Magnetic Nutdriver
DW2223IR
3/8" x 2-9/16" Magnetic Nutdriver
DW2227IR
7/16" x 1-7/8" Magnetic Nutdriver
DW2228IR
7/16" x 2-9/16" Magnetic Nutdriver
DW2234IR
1/2" x 2-9/16" Magnetic Nutdriver
IMPACT READY™ OPEN
STOCK DEEP SOCKETS
CAT #
SOCKET SIZE
DRIVE SIZE
DW2280
3/16"
3/8"
DW2281
1/4"
3/8"
DW2282
5/16"
3/8"
DW2283
11/32"
3/8"
DW2284
3/8"
3/8"
DW2285
7/16"
3/8"
DW2286
1/2"
3/8"
DW2287
9/16"
3/8"
DW2288
5/8"
3/8"
DW2289
11/16"
3/8"
DW2290
3/4"
3/8"
DW2291
13/16"
3/8"
DW2292
7/8"
3/8"
DW2293
15/16"
3/8"
DW2294
1"
3/8"
CAT #
SOCKET SIZE
DRIVE SIZE
DW22842
3/16"
1/2"
DW22852
7/16"
1/2"
DW22862
1/2"
1/2"
DW22872
9/16"
1/2"
DW22882
5/8"
1/2"
DW22892
11/16"
1/2"
DW22802
3/4"
1/2"
DW22812
13/16"
1/2"
DW22822
7/8"
1/2"
DW22832
15/16"
1/2"
DW22942
1"
1/2"
DW22952
1-1/16"
1/2"
DW22962
1-1/8"
1/2"
DW22972
1-1/4"
1/2"
GOLD FERROUS OXIDE
PILOT POINT® DRILL BITS
CAT #
QTY/CARD
BULK
BULK/QTY
DIAMETER
DRILLING
OVERALL
Inches
Decimal
DEPTH
LENGTH
DW1904
2
DW1904B
12
1/16"
.0625
.88
1.88
DW1905
2
DW1905B
12
5/64"
.0781
1.00
2.00
DW1906
2
DW1906B
12
3/32"
.0938
1.25
2.25
DW1907
2
DW1907B
12
7/64"
.1094
1.50
2.62
DW1908
2
DW1908B
12
1/8"
.1250
1.62
2.75
DW1909
1
DW1909B
12
9/64"
.1406
1.75
2.88
DW1910
1
DW1910B
12
5/32"
.1562
2.00
3.12
DW1911
1
DW1911B
12
11/64"
.1719
2.12
3.25
DW1912
1
DW1912B
12
3/16"
.1875
2.31
3.50
DW1913
1
DW1913B
12
13/64"
.2031
2.44
3.62
DW1914
1
DW1914B
12
7/32"
.2188
2.50
3.75
DW1915
1
DW1915B
12
15/64"
.2344
2.62
3.88
DW1916
1
DW1916B
12
1/4"
.2500
2.75
4.00
DW1917
1
DW1917B
12
17/64"
.2656
2.88
4.12
DW1918
1
DW1918B
12
9/32"
.2812
2.94
4.25
CAT #
QTY/CARD
BULK
BULK/QTY
DIAMETER
DRILLING
OVERALL
Inches
Decimal
DEPTH
LENGTH
DW1919
1
DW1919B
12
19/64"
.2969
3.06
4.38
DW1920
1
DW1920B
6
5/16"
.3125
3.19
4.50
DW1921
1
DW1921B
6
21/64"
.3281
3.31
4.62
DW1922
1
DW1922B
6
11/32"
.3438
3.44
4.75
DW1923
1
DW1923B
6
23/64"
.3594
3.50
4.88
DW1924
1
DW1924B
6
3/8"
.3750
3.62
5.00
DW1925*
1
DW1925B*
6
25/64"
.3906
3.75
5.12
DW1926*
1
DW1926B*
6
13/32"
.4062
3.88
5.25
DW1927*
1
DW1927B*
6
27/64"
.4219
3.94
5.38
DW1928*
1
DW1928B*
6
7/16"
.4375
4.06
5.50
DW1929*
1
DW1929B*
6
29/64"
.4531
4.19
5.62
DW1930*
1
DW1930B*
6
15/32"
.4688
4.31
5.75
DW1931*
1
DW1931B*
6
31/64"
.4844
4.38
5.88
DW1932*
1
DW1932B*
6
1/2"
.5000
4.50
6.00
*3/8" reduced shank
DW1169
14 Piece Gold Ferrous
Oxide Set with TOUGH
CASE
TM Container
Contains: (2) 1/16",
5/64", 3/32", 7/64", (2)
1/8", 9/64", 5/32", 3/16",
7/32", 1/4", 5/16", 3/8"
DW1956
16 Piece Gold Ferrous
Oxide Set with TOUGH
CASE
TM Container
Contains: (2) 1/16",
5/64", 3/32", 7/64", 1/8",
9/64", 5/32", 11/64",
3/16",13/64", 7/32", 1/4",
5/16", 3/8", 1/2"
DW1969
29 Piece Gold Ferrous
Oxide Set with Metal
Index Container
Contains: 1/16", 5/64",
3/32", 7/64", 1/8", 9/64",
5/32", 11/64", 3/16",
13/64", 7/32", 15/64", 1/4",
17/64", 9/32", 19/64",
5/16", 21/64", 11/32",
23/64", 3/8", 25/64",
13/32", 27/64", 7/16",
29/64", 15/32", 31/64", 1/2"
• Rated up to 2000 in-lbs of torque
• Qualified for Cordless Impact Drivers
DW2169
38 Piece IMPACT READY
™ Accessory Set Contains:
• (8) #2 Phillips 1" Insert Bits
• (8) #2 Phillips 1" Drywall Insert Bits
• (5) #2 Phillips 2" Power Bits
• (8) #2 Phillips 1" Double Ended Insert Bits
• (2) Nutdrivers: 1/4", 5/16"
• (1) 3/8" Socket Adapter
• (4) 3/8" Drive Deep Sockets: 3/8", 7/16", 1/2", 9/16"
• (1) Pivot Holder
• (1) Magnetic Bit Holder



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com