Electronic Components Datasheet Search
  English  ▼

X  

DW2003 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # DW2003
Description  CONTENTS
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DW2003 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  DW2003 Datasheet HTML 1Page - List of Unclassifed Manufacturers DW2003 Datasheet HTML 2Page - List of Unclassifed Manufacturers DW2003 Datasheet HTML 3Page - List of Unclassifed Manufacturers DW2003 Datasheet HTML 4Page - List of Unclassifed Manufacturers DW2003 Datasheet HTML 5Page - List of Unclassifed Manufacturers DW2003 Datasheet HTML 6Page - List of Unclassifed Manufacturers DW2003 Datasheet HTML 7Page - List of Unclassifed Manufacturers DW2003 Datasheet HTML 8Page - List of Unclassifed Manufacturers DW2003 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
MAGNETIC
NUT DRIVERS
HEAVY-DUTY ACCESSORIES
23
CAT #
DESCRIPTION
QTY
DW2218
1/4" x 1-7/8"
1
DW2218B
1/4" x 1-7/8"
50
DW2219
5/16" x 1-7/8"
1
DW2219B
5/16" x 1-7/8"
50
DW2220
3/8" x 1-7/8"
1
DW2220B
3/8" x 1-7/8"
50
DW2221
1/4" x 2-9/16"
1
DW2221B
1/4" x 2-9/16"
50
CAT #
DESCRIPTION
QTY
DW2222
5/16" x 2-9/16"
1
DW2222B
5/16" x 2-9/16"- IMPACT READY
™
50
DW2223
3/8" x 2-9/16"
1
DW2223B
3/8" x 2-9/16"
50
DW2224
3 pc Set 1/4", 5/16", 3/8"(x 1-7/8") 1
DW2225
Acoustical Eye Lag Driver
1
DW2225B
Acoustical Eye Lag Driver
50
DW2218B2
1/4" X 1 7/8" - 2 Pack
3
CAT #
DESCRIPTION
QTY
DW2219B2
5/16" x 1-7/8" - 2 Pack
3
DW2219B3
5/16" x 1-7/8" - 3 Pack
3
DW2218B3
1/4" x 1-7/8" - 3 Pack
3
DW2227
7/16" x 1-7/8"
3
DW2227B
7/16" x 1-7/8"
50
DW2228
7/16" x 2 9/16"
3
DW2228B
7/16" x 2 9/16"
50
MAGNETIC DRIVE
GUIDES
TOUGH CASETM SCREWDRIVING SETS
6 IN 1 DRIVER
CAT #
DESCRIPTION
QTY
Replacement Bit Tips for 6 IN 1 DRIVER
DW2326
PH#2/SQ#2 - PH#3/SL#10
1
DW2327
PH#3/SL#8 - SQ#1/SQ#2
1
DW2328
T#15/T#20 - PH#1/SL#6
1
DW2330
4 Piece 6 IN 1 DRIVER Set
Contains: PH#2/SL#8 -
SQ#2/SQ#1, 1/4" Nutsetter,
5/16" Nutsetter
CAT #
DESCRIPTION
QTY
DW2052
Magnetic Drive Guide with
10 #2SQ Bit Tips - clipstrip
1
DW2054
Compact Magnetic Drive Guide
1
DW2055
6" Magnetic Drive Guide
1
DW2055B
6" Magnetic Drive Guide - Bulk 25
DW2056
Clear Magnetic Drive Guide
1
DW2054CS
Compact
1
DW2336
7 Piece 6 IN 1 DRIVER Set
Contains: TX#15/TX#20,
PH#1/PHSq, PH#2/SL#8,
SQ#2/SQ#1,
(2) 1/4" Nutsetters,
5/16" Nutsetter
DW2160
13 Piece
Screwdriving Set
Contains:
• 1" Phillips bit tips: (1) #1, (2) #2,
(1) #3
• 1" Slotted bit tips: (1) #6, (1) #8,
• 1" Square Recess bit tips:
(1) #1, (1) #2
• 2" Phillips power bit: (1) #2
• 2" Square Recess power bit:
(1) #2
• 3-1/2" Phillips power bit: (1) #2
• 3-1/2" Square Recess power
bit: (1) #2
• 2" Magnetic bit tip holder: (1)
DW2162
29 Piece
Screwdriving Set
Contains:
• 1" Phillips bit tips: (1) #1,
(10) #2, (1) #3
• 1" Slotted bit tips: (1) #6, (2) #8,
(1) #10
• 1" Square Recess bit tips: (1)
#1, (6) #2, (1) #3
• 2" Phillips power bit: (1) #2
• 2" Square Recess power bit:
(1) #2
• Nutdrivers: (1) 1/4", (1) 5/16"
• 2" Magnetic bit tip holder: (1)
DW2161
21 Piece
Screwdriving Set
Contains:
• 1" Phillips bit tips: (1) #1, (6) #2,
(1) #3
• 1" Slotted bit tips: (1) #6, (1) #8,
(1) #10
• 1" Square Recess bit tips:
(1) #1, (3) #2, (1) #3
• 2" Phillips power bit: (1)
• 2" Square Recess power bit:
(1) #2
• Nutdrivers: (1) 1/4", (1) 5/16"
• 2" Magnetic bit tip holder: (1)
DW2163
37 Piece
Screwdriving Set
Contains:
• 1" Phillips bit tips: (1) #1, (10)
#2, (1) #3
• 1" Slotted bit tips: (1) #6, (2) #8,
(1) #10
• 1" Square Recess bit tips:
(1) #1, (6) #2, (1) #3
• 2" Double-ended bits:
(1) P#1/S#6, (3) P#2/S#8,
(3) P#2/S#2, (1) P#3/S#10
• Magnetic nutsetters: (1) 1/4",
(1) 5/16"
• Compact magnetic drive guide:(1)
• 3-1/2" Phillips power bit: (1) #2
• 3-1/2" Square Recess power bit:
(1) #2
DW2176
37 Piece
Screwdriving Set
Contains:
•1" Phillips bit tips: (1) #1, (18) #2,
(1) #3
•1" Slotted bit tips: (1) #6, (2) #8,
(1) #10
•1" Square Recess bit tips: (1) #1,
(6) #2, (1) #3
•2" Phillips power bit: (1) #2
•Compact magnetic drive guide: (1)
•6" Magnetic drive guide: (1)
•Nutdrivers: (1) 1/4", (1) 5/16"
DW2174
18 Piece
Screwdriving Set
Contains:
• 1" Phillips bit tips: (1) #1, (2) #2,
(1) #3
• 1" Slotted bit tips: (2) #8,
• 1" Square Recess bit tips: (2) #2
• 2" Phillips power bit: (5) #2
• 2" Square Recess power bit:
(1) #2
• 3-1/2" Phillips power bits: (2) #2
• 3-1/2" Square Recess power
bit: (1) #2
• Compact magnetic drive guide:(1)
DW2097
14 Piece Drive
Guide Set Contains:
• (6) #2 Phillips 1" Insert Bit Tips
• (2) #8 Slotted 1" Insert Bit Tips
• (1) #10 Slotted 1" Insert Bit Tip
• (3) #2 Square Recess 1" Insert
Bit Tips
• (1) Compact Magnetic Drive
Guide
• (1) Clear Magnetic Drive Guide
DW2095
7 Piece Magnetic Drive
Guide Set Contains:
• (1) #1 Phillips 1" Insert Bit Tip
• (2) #2 Phillips 1" Insert Bit Tips
• (1) #8 Slotted 1" Insert Bit Tip
• (1) #2 Square Recess 1" Insert
Bit Tip
• (1) Compact Magnetic Drive
Guide
• (1) Clear Magnetic Drive Guide
DW2053
16 Piece Drive
Guide Set Contains:
• (10) #2 Phillips 1" Insert Bit Tips
• (2) #8 Slotted 1" Insert Bit Tips
• (1) #10 Slotted 1" Insert Bit Tip
• (2) #2 Square Recess 1" Insert
Bit Tips
• (1) Compact Magnetic Drive
Guide



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com