Electronic Components Datasheet Search
  English  ▼

X  

V15 Datasheet(PDF) 1 Page - Honeywell Solid State Electronics Center

Part # V15
Description  MICRO SWITCH Standard Miniature Basic Switches
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

V15 Datasheet(HTML) 1 Page - Honeywell Solid State Electronics Center

  V15 Datasheet HTML 1Page - Honeywell Solid State Electronics Center V15 Datasheet HTML 2Page - Honeywell Solid State Electronics Center V15 Datasheet HTML 3Page - Honeywell Solid State Electronics Center V15 Datasheet HTML 4Page - Honeywell Solid State Electronics Center V15 Datasheet HTML 5Page - Honeywell Solid State Electronics Center V15 Datasheet HTML 6Page - Honeywell Solid State Electronics Center V15 Datasheet HTML 7Page - Honeywell Solid State Electronics Center V15 Datasheet HTML 8Page - Honeywell Solid State Electronics Center V15 Datasheet HTML 9Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
V15 SERIES
MICRO SWITCH Standard Miniature Basic Switches
004945
Issue 11
DESCRIPTION
Honeywell’s MICRO SWITCH V-Basic
Standard Switch, V15 Series is an
electromechanical switch designed to
provide outstanding value in a reliable
global package. This switch is often ideal
for “low-cost-of-failure” applications,
where the cost is minimal to replace
or service any failure related to the
switch. With a wide variety of operating
forces, and amperage ratings, the V15
is designed for numerous types of
applications.
Available in both pin plunger and levered
styles, the V15 Series also offers a
multitude of termination styles to fit
almost any application.
DIFFERENTIATION
• Choice of actuation, termination, and
operating characteristics that can
allow for flexibility in numerous types
of applications
• With a broad current capacity, one
switch package can control a wide
range of electrical loads
APPLICATIONS
• Appliances
• Furnaces
• Gaming machines
• Ice makers
• Power washers
• Vending machines
VALUE TO CUSTOMERS
• Wide choice of electrical ratings: 0.1 A,
5 A, 10 A, 16 A, 22 A, 26 A
• Certified for global use: UL/cUL, ENEC,
CQC
• Available with pin plungers or integral
levers to meet multiple application and
equipment requirements
FEATURES
• Broad range of electrical loads:
0.1 A, 5 A, 10 A, 16 A, 22 A, 26 A
• Long service life: over one million
mechanical operations
• Gold contacts are also available for
controlling logic level/low energy
circuits
• World-wide package size acceptance
• UL/CSA, cUL, ENEC, and CQC
approvals
• Variants with cadmium-free contacts
available
PORTFOLIO
Honeywell offers a wide
range of MICRO SWITCH
basic switches. These include
the large basic switches,
V Series basic switches, miniature
basic switches, watertight switches
and special duty basic switches.
To view the entire product portfolio,
click here.


Similar Part No. - V15

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
V15 HONEYWELL-V15 Datasheet
266Kb / 6P
Electromechanical switch designed for enhanced reliability at a great value.
logo
Pepperl+Fuchs Inc.
V15-G-10M-PUR PF-V15-G-10M-PUR Datasheet
765Kb / 3P
Female cordset
2022-03-20
V15-G-10M-PUR-ABG PF-V15-G-10M-PUR-ABG Datasheet
892Kb / 2P
Cable socket, shielded
2020-09-28
V15-G-10M-PUR-ABG-V15-G PF-V15-G-10M-PUR-ABG-V15-G Datasheet
881Kb / 3P
Connection cable, shielded
2020-09-28
V15-G-10M-PUR-ABG5 PF-V15-G-10M-PUR-ABG5 Datasheet
892Kb / 2P
Cable socket, shielded
2021-02-27
More results

Similar Description - V15

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
3SX1-T HONEYWELL-3SX1-T Datasheet
356Kb / 7P
MICRO SWITCH??Basic Switches Line Guide
logo
Honeywell Accelerometer...
BZ-2RD-T4-J HONEYWELL-ACC-BZ-2RD-T4-J Datasheet
810Kb / 16P
Basic Switches Standard
logo
Omron Electronics LLC
V-15-1A5 OMRON-V-15-1A5 Datasheet
256Kb / 16P
Miniature Basic Switch
logo
Honeywell Accelerometer...
ZM10B70E01 HONEYWELL-ACC-ZM10B70E01 Datasheet
356Kb / 7P
MICRO SWITCH Basic Switches Line Guide
logo
Honeywell Solid State E...
V7-SERIES HONEYWELL-V7-SERIES Datasheet
700Kb / 11P
MICRO SWITCH Premium Miniature Basic Switches
ZW50F90DW1 HONEYWELL-ZW50F90DW1 Datasheet
2Mb / 9P
MICRO SWITCH??Sealed Subminiature Basic Switches
002381 HONEYWELL-002381 Datasheet
1Mb / 9P
MICRO SWITCH Miniature Precision Limit Switches
05/19
914CE HONEYWELL-914CE Datasheet
1Mb / 9P
MICRO SWITCH Miniature Precision Limit Switches
logo
List of Unclassifed Man...
MV-3 ETC-MV-3 Datasheet
4Mb / 12P
Miniature Basic Switch
logo
Honeywell Solid State E...
A0001414394-1 HONEYWELL-A0001414394-1 Datasheet
2Mb / 10P
MICRO SWITCH™ Hermetic Sealed Basic Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com