Electronic Components Datasheet Search
  English  ▼

X  

LM2902EG Datasheet(PDF) 3 Page - ON Semiconductor

Part # LM2902EG
Description  Single Supply Quad Operational Amplifiers
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM2902EG Datasheet(HTML) 3 Page - ON Semiconductor

  LM2902EG Datasheet HTML 1Page - ON Semiconductor LM2902EG Datasheet HTML 2Page - ON Semiconductor LM2902EG Datasheet HTML 3Page - ON Semiconductor LM2902EG Datasheet HTML 4Page - ON Semiconductor LM2902EG Datasheet HTML 5Page - ON Semiconductor LM2902EG Datasheet HTML 6Page - ON Semiconductor LM2902EG Datasheet HTML 7Page - ON Semiconductor LM2902EG Datasheet HTML 8Page - ON Semiconductor LM2902EG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
LM324, LM324A, LM324E, LM224, LM2902, LM2902E, LM2902V, NCV2902
www.onsemi.com
3
ELECTRICAL CHARACTERISTICS (VCC = 5.0 V, VEE = GND, TA = 25°C, unless otherwise noted.)
LM224
LM324A
LM324, LM324E
LM2902, LM2902E
LM2902V/NCV2902
Characteristics
Symbol
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
Input Offset Voltage
VIO
mV
VCC = 5.0 V to 30 V
VICR = 0 V to
VCC −1.7 V,
VO = 1.4 V, RS = 0 W
TA = 25°C
−
2.0
5.0
−
2.0
3.0
−
2.0
7.0
−
2.0
7.0
−
2.0
7.0
TA = Thigh (Note 4)
−
−
7.0
−
−
5.0
−
−
9.0
−
−
10
−
−
13
TA = Tlow (Note 4)
−
−
7.0
−
−
5.0
−
−
9.0
−
−
10
−
−
10
Average Temperature
Coefficient of Input
Offset Voltage
DVIO/DT
−
7.0
−
−
7.0
30
−
7.0
−
−
7.0
−
−
7.0
−
mV/°C
TA = Thigh to Tlow
(Notes 4 and 6)
Input Offset Current
IIO
−
3.0
30
−
5.0
30
−
5.0
50
−
5.0
50
−
5.0
50
nA
TA = Thigh to Tlow
(Note 4)
−
−
100
−
−
75
−
−
150
−
−
200
−
−
200
Average Temperature
Coefficient of Input
Offset Current
DIIO/DT
−
10
−
−
10
300
−
10
−
−
10
−
−
10
−
pA/°C
TA = Thigh to Tlow
(Notes 4 and 6)
Input Bias Current
IIB
−
−90
−150
−
−45
−100
−
−90
−250
−
−90
−250
−
−90
−250
nA
TA = Thigh to Tlow
(Note 4)
−
−
−300
−
−
−200
−
−
−500
−
−
−500
−
−
−500
Input Common Mode
Voltage Range
(Note 5)
VICR
V
VCC = 30 V
TA = +25°C
0
−
28.3
0
−
28.3
0
−
28.3
0
−
28.3
0
−
28.3
TA = Thigh to Tlow
(Note 4)
0
−
28
0
−
28
0
−
28
0
−
28
0
−
28
Differential Input
Voltage Range
VIDR
−
−
VCC
−
−
VCC
−
−
VCC
−
−
VCC
−
−
VCC
V
Large Signal Open
Loop Voltage Gain
AVOL
V/mV
RL = 2.0 kW,
VCC = 15 V,
for Large VO Swing
50
100
−
25
100
−
25
100
−
25
100
−
25
100
−
TA = Thigh to Tlow
(Note 4)
25
−
−
15
−
−
15
−
−
15
−
−
15
−
−
Channel Separation
10 kHz ≤ f ≤ 20 kHz,
Input Referenced
CS
−
−120
−
−
−120
−
−
−120
−
−
−120
−
−
−120
−
dB
Common Mode
Rejection,
RS ≤ 10 kW
CMR
70
85
−
65
70
−
65
70
−
50
70
−
50
70
−
dB
Power Supply
Rejection
PSR
65
100
−
65
100
−
65
100
−
50
100
−
50
100
−
dB
4. LM224: Tlow = −25°C, Thigh = +85°C
LM324/LM324A/LM324E: Tlow = 0°C, Thigh = +70°C
LM2902/LM2902E: Tlow = −40°C, Thigh = +105°C
LM2902V & NCV2902: Tlow = −40°C, Thigh = +125°C
NCV2902 is qualified for automotive use.
5. The input common mode voltage or either input signal voltage should not be allowed to go negative by more than 0.3 V. The upper end of
the common mode voltage range is VCC −1.7 V, but either or both inputs can go to +32 V without damage, independent of the magnitude
of VCC.
6. Guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com