Electronic Components Datasheet Search
  English  ▼

X  

545 Datasheet(PDF) 2 Page - Henkel Korea Limited.

Part # 545
Description  545 provides the following product characteristics
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HENKEL [Henkel Korea Limited.]
Direct Link  https://www.henkel-adhesives.com/kr/ko.html
Logo HENKEL - Henkel Korea Limited.

545 Datasheet(HTML) 2 Page - Henkel Korea Limited.

  545 Datasheet HTML 1Page - Henkel Korea Limited. 545 Datasheet HTML 2Page - Henkel Korea Limited. 545 Datasheet HTML 3Page - Henkel Korea Limited.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
J:I BE9J?J;
i /./& COg',**.
=@:5/.6 18?5;98718=.6 ;1<5<=.8/1
9c`SR T]` + eSSY 6 ,, j9
8`SOYZ]]aS J]`_cS& ?IE +*30.& F`S'b]`_cSR b] / Dl[4
C+* hW\Q ^V]a^VObS abSSZ \cba O\R P]Zba
4EAS .GIMG
7USR Ob bS[^S`Obc`S W\RWQObSR O\R bSabSR Ob ,,j9
4NTQR
+/*
+,/
+**
1/
/*
,/
*
*
+***
,***
-***
.***
/***
+,*j9
+/*j9
/HELICAK&<NKUEMS ;ERIRSAMCE
7USR c\RS` Q]\RWbW]\a W\RWQObSR O\R bSabSR Ob ,,j9(
! NF IMISIAK RSQEMGSH
1MUIQNMLEMS
[/
('' HQ
+'' HQ
(''' HQ
C]b]` EWZ
+,/
+**
+**
+**
K\ZSORSR =Oa]ZW\S
,,
+**
+**
3/
8`OYS TZcWR
,,
+**
+**
+**
;bVO\]Z
,,
+**
3*
3*
7QSb]\S
,,
+**
3/
3/
MObS` =ZgQ]Z /*)/*
21
+**
+**
+**
3181;.6 5829;7.=598
=HIR OQNDTCS IR MNS QECNLLEMDED FNQ TRE IM OTQE NWXGEM
AMD&NQ NWXGEM QICH RXRSELR AMD RHNTKD MNS BE REKECSED AR
A REAKAMS FNQ CHKNQIME NQ NSHEQ RSQNMG NWIDIYIMG LASEQIAKR%
2NQ RAFE HAMDKIMG IMFNQLASINM NM SHIR OQNDTCS$ CNMRTKS SHE
7ASEQIAK <AFESX 0ASA <HEES "7<0<#%
MVS`S O_cS]ca eOaVW\U agabS[a O`S caSR b] QZSO\ bVS
ac`TOQSa PST]`S P]\RW\U& Wb Wa W[^]`bO\b b] QVSQY
T]`
Q][^ObWPWZWbg ]T bVS eOaVW\U a]ZcbW]\ eWbV bVS ORVSaWdS( ?\
a][S QOaSa bVSaS O_cS]ca eOaVSa QO\ OTTSQb bVS Qc`S O\R
^S`T]`[O\QS ]T bVS ORVSaWdS(
JVWa ^`]RcQb Wa \]b \]`[OZZg `SQ][[S\RSR T]` caS ]\ ^ZOabWQa
#^O`bWQcZO`Zg bVS`[]^ZOabWQ [ObS`WOZa eVS`S ab`Saa Q`OQYW\U ]T
bVS ^ZOabWQ Q]cZR `SacZb$( KaS`a O`S `SQ][[S\RSR b] Q]\TW`[
Q][^ObWPWZWbg ]T bVS ^`]RcQb eWbV acQV acPab`ObSa(
0IQECSINMR FNQ TRE
2NQ .RRELBKX
+( <]` PSab `SacZba& QZSO\ OZZ ac`TOQSa #SfbS`\OZ O\R W\bS`\OZ$
eWbV O B]QbWbS QZSO\W\U a]ZdS\b O\R OZZ]e b] R`g(
,( ?T bVS [ObS`WOZ Wa O\ W\OQbWdS [SbOZ ]` bVS Qc`S a^SSR Wa b]
aZ]e&
a^`Og
OZZ
bV`SORa
eWbV 7QbWdOb]`
1.1+
]`
10.3 O\R OZZ]e b] R`g(
-( 7^^Zg O -0*j PSOR ]T ^`]RcQb b] bVS ZSORW\U bV`SORa ]T bVS
[OZS TWbbW\U& ZSOdW\U bVS TW`ab bV`SOR T`SS( <]`QS bVS
[ObS`WOZ W\b] bVS bV`SORa b] bV]c`]cUVZg TWZZ bVS d]WRa( <]`
PWUUS`
bV`SORa
O\R
d]WRa&
ORXcab
^`]RcQb
O[]c\b
OQQ]`RW\UZg O\R O^^Zg O -0*j PSOR ]T ^`]RcQb ]\ bVS
TS[OZS bV`SORa OZa](
.( KaW\U OQQS^bSR b`ORS ^`OQbWQSa& OaaS[PZS O\R e`S\QV
bWUVbS\ TWbbW\Ua c\bWZ ^`]^S` OZWU\[S\b Wa ]PbOW\SR(
/( F`]^S`Zg bWUVbS\SR TWbbW\Ua eWZZ aSOZ W\abO\bZg b] []RS`ObS
^`Saac`Sa( <]` [OfW[c[ ^`Saac`S `SaWabO\QS O\R a]ZdS\b
`SaWabO\QS OZZ]e bVS ^`]RcQb b] Qc`S O [W\W[c[ ]T ,.
V]c`a(
2NQ 0IRARRELBKX
+( HS[]dS eWbV abO\RO`R VO\R b]]Za(
,( MVS`S VO\R b]]Za R] \]b e]`Y PSQOcaS ]T SfQSaaWdS
S\UOUS[S\b ZS\UbV ]` ZO`US RWO[SbS`a #]dS` +!$& O^^Zg
Z]QOZWhSR VSOb b] O^^`]fW[ObSZg ,/*j9(
:WaOaaS[PZS
eVWZS V]b(
2NQ /KEAMTO
+( 9c`SR ^`]RcQb QO\ PS `S[]dSR eWbV O Q][PW\ObW]\ ]T
a]OYW\U W\ O B]QbWbS a]ZdS\b O\R [SQVO\WQOZ OP`OaW]\
acQV Oa O eW`S P`caV(
6NCSISE 7ASEQIAK <OECIFICASINM67<
BCI RObSR IS^bS[PS`'+& +33/( JSab `S^]`ba T]` SOQV PObQV
O`S OdOWZOPZS T]` bVS W\RWQObSR ^`]^S`bWSa( BCI bSab `S^]`ba
W\QZcRS aSZSQbSR G9 bSab ^O`O[SbS`a Q]\aWRS`SR O^^`]^`WObS b]
a^SQWTWQObW]\a T]` Qcab][S` caS( 7RRWbW]\OZZg& Q][^`SVS\aWdS
Q]\b`]Za
O`S
W\
^ZOQS
b]
Oaac`S
^`]RcQb
_cOZWbg
O\R
Q]\aWabS\Qg( I^SQWOZ Qcab][S` a^SQWTWQObW]\ `S_cW`S[S\ba [Og
PS Q]]`RW\ObSR bV`]cUV >S\YSZ B]QbWbS GcOZWbg(
<SNQAGE
Ib]`S ^`]RcQb W\ bVS c\]^S\SR Q]\bOW\S` W\ O R`g Z]QObW]\(
Ib]`OUS W\T]`[ObW]\ [Og PS W\RWQObSR ]\ bVS ^`]RcQb Q]\bOW\S`
ZOPSZW\U(
9OSILAK <SNQAGE- , [/ SN )( [/% <SNQAGE BEKNV , [/ NQ
GQEASEQ SHAM ), [/ CAM ADUEQREKX AFFECS OQNDTCS OQNOEQSIER(
CObS`WOZ `S[]dSR T`][ Q]\bOW\S`a [Og PS Q]\bO[W\ObSR Rc`W\U
caS( :] \]b `Sbc`\ ^`]RcQb b] bVS ]`WUW\OZ Q]\bOW\S`( >S\YSZ
9]`^]`ObW]\ QO\\]b Oaac[S `Sa^]\aWPWZWbg T]` ^`]RcQb eVWQV
VOa PSS\ Q]\bO[W\ObSR ]` ab]`SR c\RS` Q]\RWbW]\a ]bVS` bVO\
bV]aS ^`SdW]caZg W\RWQObSR( ?T ORRWbW]\OZ W\T]`[ObW]\ Wa `S_cW`SR&
^ZSOaS Q]\bOQb g]c` Z]QOZ JSQV\WQOZ IS`dWQS 9S\bS` ]`
9cab][S` IS`dWQS HS^`SaS\bObWdS(
/NMUEQRINMR
#j9 f +(2$ % -, 5 j<
YL)[[ f ,/(. 5 L)[WZ
[[ ) ,/(. 5 W\QVSa
D f *(,,/ 5 ZP
D)[[ f /(1+ 5 ZP)W\
D)[[k f +./ 5 ^aW
CFO f +./ 5 ^aW
Dl[ f 2(2/+ 5 ZPlW\
Dl[[ f *(+., 5 ]hlW\
[FOla 5 QF
>S\YSZ B]QbWbS 7[S`WQOa
%20*(/1+(/+**
>S\YSZ B]QbWbS ;c`]^S
%.3(23(3,02(*
>S\YSZ B]QbWbS 7aWO FOQWTWQ
%2+(./(1/2(+2+*
2NQ SHE LNRS DIQECS ACCERR SN KNCAK RAKER AMD SECHMICAK RTOONQS UIRIS- VVV%KNCSISE%CNL



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com