Electronic Components Datasheet Search
  English  ▼

X  

MSB401 Datasheet(PDF) 2 Page - DAESAN ELECTRONIC CORP.

Part # MSB401
Description  BRIDGE RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAESAN [DAESAN ELECTRONIC CORP.]
Direct Link  https://dec.co.kr/
Logo DAESAN - DAESAN ELECTRONIC CORP.

MSB401 Datasheet(HTML) 2 Page - DAESAN ELECTRONIC CORP.

  MSB401 Datasheet HTML 1Page - DAESAN ELECTRONIC CORP. MSB401 Datasheet HTML 2Page - DAESAN ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FIG.1-TYPICAL FORWARD CURRENT
DERATING CURVE
CASE TEMPERATURE (℃)
FIG.3-MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
FIG.2-TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS
FIG.4-TYPICAL REVERSE CHARACTERISTICS
PERCENT OR RATED PEAK REVERSE VOLTAGE (%)
RATINGS AND CHARACTERISTIC CURVES MSB4005 THRU MSB410
5
4
3
2
1
0
100
10
1
0.1
0
40
20
60
80
100
120
140
0.5
1.0
1.5
2.0
75
50
25
0
40
150
100
125
175
FIG.5-TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE (V)
1
10
100
NUMBER OF CYCLES AT 60Hz
100
80
60
40
20
0
10
0
100
INSTANTANEOUS FORWARD VOLTAGE (V)
10
0.1
0
1.0
0.01
https://dec.co.kr
DAESAN ELECTRONIC CORP.
30
20
10
0
RESISTIVE OR INDUCTIVE LOAD
PULSE WIDTH=300μs
1% DUTY CYCLE
TJ=25℃
8.3ms SINGLE HALF SINE WAVE
(JEDEC METHOD)
TJ=25℃
TJ=125℃



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com