Electronic Components Datasheet Search
  English  ▼

X  

SS12AF Datasheet(PDF) 1 Page - DAESAN ELECTRONIC CORP.

Part # SS12AF
Description  SCHOTTKY BARRIER RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAESAN [DAESAN ELECTRONIC CORP.]
Direct Link  https://dec.co.kr/
Logo DAESAN - DAESAN ELECTRONIC CORP.

SS12AF Datasheet(HTML) 1 Page - DAESAN ELECTRONIC CORP.

  SS12AF Datasheet HTML 1Page - DAESAN ELECTRONIC CORP. SS12AF Datasheet HTML 2Page - DAESAN ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SS12AF THRU SS120AF
Features
· Built-in strain relief, ideal for automated placement
· Low reverse leakage
· High forward surge current capability
· High temperature soldering guaranteed:
250℃/10 seconds at terminals
· Component in accordance to
RoHS 2011/65/EU
Maximum Ratings And Electrical Characteristics
(Ratings at 25℃ ambient temperature unless otherwise noted.)
Note:
(1) Pulse test : 300μs pulse width, 1% duty cycle.
Maximum repetitive peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
Peak forward surge current 8.3ms single half sine-wave
superimposed on rated load
Maximum average forward rectified current at TA(see fig.1)
V
Units
A
℃
A
Maximum reverse current
VR=VDC
Thermal resistance from junction to ambient
mA
Maximum instantaneous forward voltage
Items
Mechanical Data
· Case : SMAF Molding compound meets
UL94V-0 flammability rating
· Terminals : Solder plated, solderable per
MIL-STD-750, Method 2026
· Polarity : Polarity symbol marking on body
Dimensions in inches and (millimeters)
SS12
AF
20
14
20
30
50
10
0.5
0.05
-55 to +150
Storage temperature range
℃
-55 to +150
-55 to +125
Operating junction temperature range
CURRENT 1.0 A
VOLTAGE 20 to 200 V
70
℃/W
40
28
40
60
42
60
80
56
80
100
70
100
1
0.55
0.70
0.85
V
Symbols
TA=25℃
TA=125℃
150
105
150
200
140
200
0.95
SS14
AF
SS16
AF
SS18
AF
SS110
AF
SS115
AF
SS120
AF
V
V
IF=1.0A (Note.1)
SMAF
0.002(0.05)
0.011(0.30)
0.035(0.90)
0.051(1.30)
0.130(3.30)
0.146(3.70)
0.091(2.30)
0.106(2.70)
0.047(1.20)
0.063(1.60)
0.019(0.50) MIN.
0.169(4.30)
0.193(4.90)
VRRM
IF(AV)
VF
IR
VRMS
TJ
TSTG
VDC
IFSM
RθJA
https://dec.co.kr
DAESAN ELECTRONIC CORP.
SCHOTTKY BARRIER RECTIFIER


Similar Part No. - SS12AF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SS12A ETC2-SS12A Datasheet
38Kb / 2P
RATING AND CHARACTERTIC CURVES
logo
Rugao Dachang Electroni...
SS12A DACHANG-SS12A Datasheet
115Kb / 2P
Surface Mount Schottky Barrier Rectifier Reverse Voltage 20 to 100 V Forward Current 1.0 A
SS12A DACHANG-SS12A Datasheet
115Kb / 2P
Surface Mount Schottky Barrier Rectifier
logo
Jiangsu High diode Semi...
SS12A HDSEMI-SS12A Datasheet
1Mb / 4P
SMAK Plastic-Encapsulate Diodes
logo
Shenzhen Luguang Electr...
SS12A LUGUANG-SS12A Datasheet
2Mb / 3P
1A Surface Mount Schottky Barrier Rectifiers
More results

Similar Description - SS12AF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BYS1190 VISHAY-BYS1190 Datasheet
51Kb / 4P
Schottky Barrier Rectifier
24-Jun-98
logo
Shanghai Sunrise Electr...
1N5820 SSE-1N5820 Datasheet
13Kb / 1P
SCHOTTKY BARRIER RECTIFIER
SB820 SSE-SB820 Datasheet
23Kb / 1P
SCHOTTKY BARRIER RECTIFIER
logo
Fairchild Semiconductor
FYP2004DN FAIRCHILD-FYP2004DN Datasheet
46Kb / 4P
SCHOTTKY BARRIER RECTIFIER
FYPF1010DN FAIRCHILD-FYPF1010DN Datasheet
50Kb / 4P
SCHOTTKY BARRIER RECTIFIER
FYPF2004DN FAIRCHILD-FYPF2004DN Datasheet
46Kb / 4P
SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Lunsure Electr...
SR820 CHENYI-SR820 Datasheet
153Kb / 2P
SCHOTTKY BARRIER RECTIFIER
SRF1620 CHENYI-SRF1620 Datasheet
138Kb / 2P
SCHOTTKY BARRIER RECTIFIER
SRF735 CHENYI-SRF735 Datasheet
178Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Toshiba Semiconductor
CRS14 TOSHIBA-CRS14 Datasheet
191Kb / 6P
Schottky Barrier Rectifier Schottky Barrier Type
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com